Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97652IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97652IRZ
Description  4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97652IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97652IRZ Datasheet HTML 1Page - Intersil Corporation ISL97652IRZ Datasheet HTML 2Page - Intersil Corporation ISL97652IRZ Datasheet HTML 3Page - Intersil Corporation ISL97652IRZ Datasheet HTML 4Page - Intersil Corporation ISL97652IRZ Datasheet HTML 5Page - Intersil Corporation ISL97652IRZ Datasheet HTML 6Page - Intersil Corporation ISL97652IRZ Datasheet HTML 7Page - Intersil Corporation ISL97652IRZ Datasheet HTML 8Page - Intersil Corporation ISL97652IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
FN9287.1
November 2, 2007
Ron(DRVN)H
High-Side Driver ON Resistance at DRVN
I(DRVN) = +60mA
11
Ω
RON(DRVN)L
Low-Side Driver ON Resistance at DRVN
I(DRVN) = -60mA
10
Ω
Ipu(DRVN)lim
Pull-Up Current Limit in DRVN
V(DRVN) = 0V to V(SUP) - 0.5V
60
270
mA
Ipd(DRVN)lim
Pull-Down Current Limit in DRVN
V(DRVN) = 0.36V to V(VSUP)
-200
-60
mA
I(DRVN)leak
Leakage Current in DRVN
V(FBN) < 0 or EN1 = LOW
-2
2
µA
VFBN
FBN Regulation Voltage
TA = +25°C
0.48
0.5
0.52
V
0.47
0.5
0.53
V
D_NCP_max
Max Duty Cycle of the Negative Charge
Pump
50
%
Rpd(FBN)off
Pull-Down Resistance, Not Active
I(FBN) = 500µA
2.5
3.5
4.5
k
Ω
POSITIVE (VON) CHARGE PUMP
VON
VON Output Voltage Range
2X or 3X charge pump
VSUP +2V
34
V
ILoad_PCP_min
External Load Driving Capability
30
mA
Ron(DRVP)H
High-Side Driver ON Resistance at DRVP
I(DRVP) = +60mA
11
Ω
Ron(DRVP)L
Low-Side Driver ON Resistance at DRVP
I(DRVP) = -60mA
10
Ω
Ipu(DRVP)lim
Pull-Up Current Limit in DRVP
V(DRVP) = 0V to V(SUP) - 0.5V
60
270
mA
Ipd(DRVP)lim
Pull-Down Current Limit in DRVP
V(DRVP) = 0.36V to V(VSUP)
-200
-60
mA
I(DRVP)leak
Leakage Current in DRVP
VFBP > VREF or EN1 or EN2 = low
-2
2
µA
VFBP
FBP Regulation Voltage
TA = +25°C
1.225
1.25
1.275
V
1.22
1.25
1.28
V
D_PCP_max
Max Duty Cycle of the Positive Charge Pump
50
%
LOGIC INPUTS
VHI
Logic “HIGH”
EN1, EN2, VFLK, VDPM
2.0
V
VLO
Logic “LOW”
EN1, EN2, VFLK, VDPM
0.8
V
IL_pd
Logic Pin Pull-Down Current
VLOGIC > VLO
25
µA
VON SLICE
VGH
VGH Voltage
830
V
IVGH
VGH Input Current
VFLK = 0, RE=33K
300
µA
VFLK = 5V, RE=33K
40
µA
VGL
VGL Voltage
3VGH - 2
V
IVGL
VGL Input Current
-2
0.1
2
µA
RONVGH
VGH to VGH_M On Resistance
15
30
Ω
TDEL
DELAY Time
CE = 470pF
10
µs
VCOM AMPLIFIERS
Icont
Maximum Continuous Current Per Amplifier
50
mA
VSAMP
Supply Voltage
4.5
20
V
ISAMP
Supply Current per amplifier
3mA
VOS
Offset Voltage
320
mV
IB
Noninverting Input Bias Current per amplifier
0
150
nA
CMIR
Common Mode Input Voltage Range
0
AVIN
V
Electrical Specifications
VIN = 12V, VBOOST = VSUP = 15V, VON = 25V, VOFF = -8V, over temperature from -40°C to +85°C, unless
otherwise stated. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL97652


Similar Part No. - ISL97652IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97652IRZ INTERSIL-ISL97652IRZ Datasheet
717Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652IRZ RENESAS-ISL97652IRZ Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Intersil Corporation
ISL97652IRZ-T INTERSIL-ISL97652IRZ-T Datasheet
717Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652IRZ-T RENESAS-ISL97652IRZ-T Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Intersil Corporation
ISL97652IRZ-TK INTERSIL-ISL97652IRZ-TK Datasheet
717Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
More results

Similar Description - ISL97652IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97652 INTERSIL-ISL97652 Datasheet
717Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652 RENESAS-ISL97652 Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
   Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com