Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9520V20IZ-B Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9520V20IZ-B
Description  Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9520V20IZ-B Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9520V20IZ-B Datasheet HTML 3Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 4Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 5Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 6Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 7Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 8Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 9Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 10Page - Intersil Corporation X9520V20IZ-B Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
FN8206.2
August 20, 2007
At both ends of each array and between each resistor
segment there is a CMOS switch connected to the wiper
(Rwx) output. Within each individual array, only one switch
may be turned on at any one time. These switches are
controlled by the Wiper Counter Register (WCR) (See Figure
6). The WCR is a volatile register.
On power-up of the X9520, wiper position data is
automatically loaded into the WCR from its associated Non
Volatile Memory (NVM) Register. The table below shows the
Initial Values of the DCP WCR’s before the contents of the
NVM is loaded into the WCR.
The data in the WCR is then decoded to select and enable
one of the respective FET switches. A “make before break”
sequence is used internally for the FET switches when the
wiper is moved from one tap position to another.
Hot Pluggability
Figure 7 shows a typical waveform that the X9520 might
experience in a Hot Pluggable situation. On power-up,
V1/VCC applied to the X9520 may exhibit some amount of
ringing, before it settles to the required value.
The device is designed such that the wiper terminal (RWx) is
recalled to the correct position (as per the last stored in the
DCP NVM), when the voltage applied to V1/VCC exceeds
VTRIP1 for a time exceeding tpurst (the Power-on Reset
time, set in the CONSTAT Register - See “Control and Status
Register” on page 12.).
Therefore, if
ttrans is defined as the time taken for V1/VCC
to settle above VTRIP1 (Figure 7): then the desired wiper
terminal position is recalled by (a maximum) time:
ttrans +
tpurst. It should be noted that ttrans is determined by
system hot plug conditions.
DCP Operations
In total there are three operations that can be performed on
any internal DCP structure:
• DCP Nonvolatile Write
• DCP Volatile Write
• DCP Read
A nonvolatile write to a DCP will change the “wiper position”
by simultaneously writing new data to the associated WCR
and NVM. Therefore, the new “wiper position” setting is
recalled into the WCR after V1/VCC of the X9520 is powered
down and then powered back up.
A volatile write operation to a DCP however, changes the
“wiper position” by writing new data to the associated WCR
only. The contents of the associated NVM register remains
unchanged. Therefore, when V1/VCC to the device is
powered down then back up, the “wiper position” reverts to
that last position written to the DCP using a nonvolatile write
operation.
Both volatile and nonvolatile write operations are executed
using a three byte command sequence: (DCP) Slave
Address Byte, Instruction Byte, followed by a Data Byte (See
Figure 9).
A DCP Read operation allows the user to “read out” the
current “wiper position” of the DCP, as stored in the
associated WCR. This operation is executed using the
Random Address Read command sequence, consisting of
the (DCP) Slave Address Byte followed by an Instruction
Byte and the Slave Address Byte again (Refer to Figure 10.).
Instruction Byte
While the Slave Address Byte is used to select the DCP
devices, an Instruction Byte is used to determine which DCP
is being addressed.
DCP
INITIAL VALUES BEFORE RECALL
R0/64 TAP
VH/TAP = 63
R1/100 TAP
VL/TAP = 0
R2/256 TAP
VH/TAP = 255
FIGURE 7. DCP POWER
t
V1/VCC
VTRIP1
V1/VCC (Max)
tpurst
MAXIMUM WIPER RECALL TIME
0
ttrans
X9520


Similar Part No. - X9520V20IZ-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520V20IZ-B INTERSIL-X9520V20IZ-B Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520V20IZ-B RENESAS-X9520V20IZ-B Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9520V20IZ-BT1 INTERSIL-X9520V20IZ-BT1 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520V20IZ-BT1 RENESAS-X9520V20IZ-BT1 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
More results

Similar Description - X9520V20IZ-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com