Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE28F800C3BA70 Datasheet(PDF) 8 Page - Intel Corporation

Part # GE28F800C3BA70
Description  Advanced Boot Block Flash Memory (C3)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F800C3BA70 Datasheet(HTML) 8 Page - Intel Corporation

Back Button GE28F800C3BA70 Datasheet HTML 4Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 5Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 6Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 7Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 8Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 9Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 10Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 11Page - Intel Corporation GE28F800C3BA70 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
8
Datasheet
2.0
Device Description
This section provides an overview of the Intel® Advanced+ Boot Block Flash Memory (C3) device
features, packaging, signal naming, and device architecture.
2.1
Product Overview
The C3 device provides high-performance asynchronous reads in package-compatible densities
with a 16 bit data bus. Individually-erasable memory blocks are optimally sized for code and data
storage. Eight 4 Kword parameter blocks are located in the boot block at either the top or bottom of
the device’s memory map. The rest of the memory array is grouped into 32 Kword main blocks.
The device supports read-array mode operations at various I/O voltages (1.8 V and 3 V) and erase
and program operations at 3 V or 12 V VPP. With the 3 V I/O option, VCC and VPP can be tied
together for a simple, ultra-low-power design. In addition to I/O voltage flexibility, the dedicated
VPP input provides complete data protection when VPP ≤ VPPLK.
The device features a 128-bit protection register enabling security techniques and data protection
schemes through a combination of factory-programmed and user-programmable OTP data
registers. Zero-latency locking/unlocking on any memory block provides instant and complete
protection for critical system code and data. Additional block lock-down capability provides
hardware protection where software commands alone cannot change the block’s protection status.
A command User Interface(CUI) serves as the interface between the system processor and internal
operation of the device. A valid command sequence issued to the CUI initiates device automation.
An internal Write State Machine (WSM) automatically executes the algorithms and timings
necessary for block erase, program, and lock-bit configuration operations.
The device offers three low-power saving features: Automatic Power Savings (APS), standby
mode, and deep power-down mode. The device automatically enters APS mode following read
cycle completion. Standby mode begins when the system deselects the flash memory by
deasserting CE#. The deep power-down mode begins when RP# is asserted, which deselects the
memory and places the outputs in a high-impedance state, producing ultra-low power savings.
Combined, these three power-savings features significantly enhanced power consumption
flexibility.
2.2
Ballout Diagram
The C3 device is available in 48-lead TSOP, 48-ball VF BGA, 48-ball
µBGA, and Easy BGA
packages. (Refer to Figure 1onpage 9, Figure 3 on page 11,and Figure 4 on page 12,
respectively.)


Similar Part No. - GE28F800C3BA70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F800B3BA90 INTEL-GE28F800B3BA90 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GE28F800B3TA90 INTEL-GE28F800B3TA90 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - GE28F800C3BA70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com