Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97644IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL97644IRZ
Description  Boost LDO VON Slice VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97644IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL97644IRZ Datasheet HTML 2Page - Intersil Corporation ISL97644IRZ Datasheet HTML 3Page - Intersil Corporation ISL97644IRZ Datasheet HTML 4Page - Intersil Corporation ISL97644IRZ Datasheet HTML 5Page - Intersil Corporation ISL97644IRZ Datasheet HTML 6Page - Intersil Corporation ISL97644IRZ Datasheet HTML 7Page - Intersil Corporation ISL97644IRZ Datasheet HTML 8Page - Intersil Corporation ISL97644IRZ Datasheet HTML 9Page - Intersil Corporation ISL97644IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN9228.1
December 14, 2007
I
Typical Performance Curves
FIGURE 1. AVDD EFFICIENCY vs IAVDD
FIGURE 2. AVDD LOAD REGULATION vs IAVDD
FIGURE 3. LINE REGULATION AVDD vs VIN
FIGURE 4. BOOST CONVERTER TRANSIENT RESPONSE
FIGURE 5. LINE REGULATION LDO_OUT vs VIN
FIGURE 6. LDO LOAD REGULATION vs IO
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
IAVDD (mA)
FOSC = 1.2MHz
FOSC = 650kHz
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
200
400
600
800
1000
1200
IAVDD (mA)
FOSC = 1.2MHz
FOSC = 650kHz
10.15
10.2
10.25
10.3
10.35
10.4
10.45
10.5
3
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
AVDD 500mA
AVDD 150mA
IAVDD
AVDD (AC COUPLED)
L = 10µH, COUT = 40µF, CCOMP = 2.2nF, RCOMP = 10k
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
345
6
VIN (V)
3.3V OUTPUT, 100mA
2.85V OUTPUT, 100mA
2.85V OUTPUT, 350mA
2.5V OUTPUT, 100mA
3.3V OUTPUT, 350mA
2.5V OUTPUT, 350mA
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
100
200
300
400
IO (mA)
ADJ = OPEN
ADJ = 0
ADJ = LDO_OUT
ISL97644


Similar Part No. - ISL97644IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97644IRZ INTERSIL-ISL97644IRZ Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97644IRZ RENESAS-ISL97644IRZ Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644IRZ-T INTERSIL-ISL97644IRZ-T Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97644IRZ-T RENESAS-ISL97644IRZ-T Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644IRZ-TK INTERSIL-ISL97644IRZ-TK Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
More results

Similar Description - ISL97644IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com