Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008CS-331E_TS Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 1008CS-331E_TS
Description  WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

1008CS-331E_TS Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  1008CS-331E_TS Datasheet HTML 1Page - Delta Electronics, Inc. 1008CS-331E_TS Datasheet HTML 2Page - Delta Electronics, Inc. 1008CS-331E_TS Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
Shape & Dimension
B
K
D
H
C
A
B
C
Max.
Ref.
Max.
Ref.
Max.
Ref.
D
Ref.
E
Ref.
F
G
H
I
J
K
Inch
0.115
0.103
0.110
0.095
0.080
0.072
0.025
0.065
0.020
0.060
0.100
0.040
0.050
0.080
mm
2.92
2.60
2.79
2.40
2.03
1.82
0.65
1.65
0.51
1.52
2.54
1.02
1.27
2.03
Parts/Reel: 7” 2,000 PCS
Tape Width: 8mm
Terminal wraparound:
Approx. 0.018/ 0 .45 both ends
Pad
Layout


Similar Part No. - 1008CS-331E_TS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008CS-331XFLB COILCRAFT-1008CS-331XFLB Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-331XFLC COILCRAFT-1008CS-331XFLC Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
1008CS-331XFLC COILCRAFT-1008CS-331XFLC Datasheet
161Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-331XFLC COILCRAFT-1008CS-331XFLC Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-331XJLB COILCRAFT-1008CS-331XJLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
More results

Similar Description - 1008CS-331E_TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com