Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-8038AN Datasheet(PDF) 1 Page - Exar Corporation

Part # XR-8038AN
Description  Precision Waveform Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-8038AN Datasheet(HTML) 1 Page - Exar Corporation

  XR-8038AN Datasheet HTML 1Page - Exar Corporation XR-8038AN Datasheet HTML 2Page - Exar Corporation XR-8038AN Datasheet HTML 3Page - Exar Corporation XR-8038AN Datasheet HTML 4Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XR-8038A
Precision Waveform Generator
GENERAL DESCRIPTION
The XR-8038A is a precision waveform generator IC
capable of producing sine, square, triangular, sawtooth,
and pulse waveforms, with a minimum number of exter-
nal components and adjustments. The 8038A allows the
elimination of the external distortion adjusting resistor
which greatly improves the temperature drift of distortion,
as well as lowering external parts count. Its operating
frequency can be selected over eight decades of fre-
quency, from 0.001Hz to 200KHz, by the choice of external
R-C components. The frequency of oscillation is highly
stable over a wide range of temperature and supply volt-
age changes. Both full frequency sweeping as well as
smaller frequency variations (FM) can be accomplished
with an external control voltage. Each of the three basic
waveform outputs, (i.e., sine, triangle and square) are simul-
taneously available from independent output terminals.
The XR-8038A monolithic waveform generator uses
advanced processing technology and Schottky-barrier
diodes to enhance its frequency performance. It can be
readily interfaced with a monolithic phase-detector circuit,
such as the XR-2228 to form stable phase-locked circuits.
FEATURES
Low Frequency Drift
50ppm/°C, Typical
Simultaneous Sine, Triangle, and Square Wave Outputs
Low Sine Wave Distortion — THD –
~ 1%
High FM and Triangle Linearity
Wide Frequency Range
0.001Hz to 200KHz
Variable Duty Cycle
2% to 98%
Low Distortion Variation with Temperature
APPLICATIONS
Precision Waveform Generation
Sweep and FM Generation
Tone Generation
Instrumentation and Test Equipment Design
Precision PLL Design
ABSOLUTE MAXIMUM RATINGS
Power Supply
36V
Power Dissipation (package limitation)
Ceramic Package
750mW
Derate Above +25°C
6.0mW/°C
Plastic Package
625mW
Derate Above +25°C
5mW/°C
Storage Temperature Range
–65°C to +150°C
PIN ASSIGNMENT
ORDERING INFORMATION
Part Number
Package
Operating Temperature
XR-8038AM
Ceramic
–55°C to +125°C
XR-8038AN
Ceramic
0°C to +70°C
XR-8038AP
Plastic
0°C to +70°C
XR-8038ACN
Ceramic
0°C to +70°C
XR-8038ACP
Plastic
0°C to +70°C
SYSTEM DESCRIPTION
The XR-8038A precision waveform generator produces
highly stable and sweepable square, triangle, and sine
waves across eight frequency decades. The XR-8038A
is an advanced version of the XR-8038, with improved
sine distortion temperature drift. The device time base em-
ploys resistors and a capacitor for frequency and duty cycle
determination. The generator contains dual comparators,
a flip-flop driving a switch, current sources, buffers, and
a sine wave convertor. Three identical frequency outputs
are simultaneously available. Supply voltage can range
from 10V to 30V, or ±5V to ±15V with dual supplies.
Unadjusted sine wave distortion is typically less than
0.7% with the sine wave distortion adjust pin (Pin 1) open.
Distortion levels may be improved by including a 100k
potentiometer between the supplies, with the wiper con-
nected to Pin 1.
Small frequency deviation (FM) is accomplished by ap-
plying modulation voltage to Pins 7 and 8; large frequency
deviation (sweeping) is accomplished by applying volt-
age to Pin 8 only. Sweep range is typically 1000:1.
The square wave output is an open collector transistor;
output amplitude swing closely approaches the supply volt-
age. Triangle output amplitude is typically 1/3 of the
supply, and sine wave output reaches 0.22 of the supply
voltage.
1
2
3
4
11
10
9
8
XR-8038A
SINE ADJ
DUTY CYCLE
ADJ
+VCC
NC
SINE ADJ
TIMING
CAPACITOR
5
6
7
12
13
14
FM BIAS
NC
–V OR GND
FM SWEEP
INPUT
~
May 1994-4


Similar Part No. - XR-8038AN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-8038A EXAR-XR-8038A Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038ACP EXAR-XR-8038ACP Datasheet
150Kb / 16P
   Precision Waveform Generator
More results

Similar Description - XR-8038AN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
logo
NTE Electronics
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038_01 Datasheet
353Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com