Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256JZ-12 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X28HC256JZ-12
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256JZ-12 Datasheet(HTML) 3 Page - Intersil Corporation

  X28HC256JZ-12 Datasheet HTML 1Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 2Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 3Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 4Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC256JZ-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN8108.2
May 7, 2007
X28HC256PIZ-12 (Note)
X28HC256PI-12 RRZ
-40 to +85
28 Ld PDIP (Pb-free)***
E28.6
X28HC256S-12*
X28HC256S-12 RR
120
0 to +70
28 Ld SOIC (300 mils)
MDP0027
X28HC256SZ-12 (Note)
X28HC256S-12 RRZ
0 to +70
28 Ld SOIC (300 mils) (Pb-free)
MDP0027
X28HC256SI-12*
X28HC256SI-12 RR
-40 to +85
28 Ld SOIC (300 mils)
MDP0027
X28HC256SIZ-12 (Note)
X28HC256SI-12 RRZ
-40 to +85
28 Ld SOIC (300 mils) (Pb-free)
MDP0027
X28HC256SM-12*, **
X28HC256SM-12 RR
-55 to +125
28 Ld SOIC (300 mils)
MDP0027
X28HC256D-90
X28HC256D-90 RR
90
0 to +70
28 Ld CERDIP (520 mils)
F28.6
X28HC256DI-90
X28HC256DI-90 RR
-40 to +85
28 Ld CERDIP (520 mils)
F28.6
X28HC256DM-90
X28HC256DM-90 RR
-55 to +125
28 Ld CERDIP (520 mils)
F28.6
X28HC256DMB-90
C X28HC256DMB-90
MIL-STD-883
28 Ld CERDIP (520 mils)
F28.6
X28HC256EM-90
X28HC256EM-90 RR
-55 to +125
32 Ld LCC (458 mils)
X28HC256EMB-90
C X28HC256EMB-90
MIL-STD-883
32 Ld LCC (458 mils)
X28HC256FI-90
X28HC256FI-90 RR
-40 to +85
28 Ld FLATPACK (440 mils)
X28HC256FM-90
X28HC256FM-90 RR
-55 to +125
28 Ld FLATPACK (440 mils)
X28HC256FMB-90
C X28HC256FMB-90
MIL-STD-883
28 Ld FLATPACK (440 mils)
X28HC256J-90*
X28HC256J-90 RR
0 to +70
32 Ld PLCC
N32.45x55
X28HC256JZ-90* (Note)
X28HC256J-90 ZRR
0 to +70
32 Ld PLCC (Pb-free)
N32.45x55
X28HC256JI-90*
X28HC256JI-90 RR
-40 to +85
32 Ld PLCC
N32.45x55
X28HC256JIZ-90* (Note)
X28HC256JI-90 ZRR
-40 to +85
32 Ld PLCC (Pb-free)
N32.45x55
X28HC256JM-90*
X28HC256JM-90 RR
-55 to +125
32 Ld PLCC
N32.45x55
X28HC256KM-90
X28HC256KM-90 RR
-55 to +125
28 Ld PGA
G28.550x650A
X28HC256KMB-90
C X28HC256KMB-90
MIL-STD-883
28 Ld PGA
G28.550x650A
X28HC256P-90
X28HC256P-90 RR
90
0 to +70
28 Ld PDIP
E28.6
X28HC256PZ-90 (Note)
X28HC256P-90 RRZ
0 to +70
28 Ld PDIP (Pb-free)***
E28.6
X28HC256PI-90
X28HC256PI-90 RR
-40 to +85
28 Ld PDIP
E28.6
X28HC256PIZ-90 (Note)
X28HC256PI-90 RRZ
-40 to +85
28 Ld PDIP (Pb-free)**
E28.6
X28HC256S-90*
X28HC256S-90 RR
0 to +70
28 Ld SOIC (300 mils)
MDP0027
X28HC256SI-90*
X28HC256SI-90 RR
-40 to +85
28 Ld SOIC (300 mils)
MDP0027
X28HC256SIZ-90 (Note)
X28HC256SI-90 RRZ
-40 to +85
28 Ld SOIC (300 mils) (Pb-free)
MDP0027
X28HC256SI-20T1
200
-40 to +85
28 Ld SOIC (300 mils) Tape and Reel
MDP0027
*Add "T1" suffix for tape and reel.
**Add "T2" suffix for tape and reel.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PART MARKING
ACCESS TIME
(ns)
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
X28HC256


Similar Part No. - X28HC256JZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256JZ-12 INTERSIL-X28HC256JZ-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256JZ-12 INTERSIL-X28HC256JZ-12 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256JZ-12 RENESAS-X28HC256JZ-12 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256JZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com