Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L79L12C Datasheet(PDF) 3 Page - STMicroelectronics

Part # L79L12C
Description  NEGATIVE VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L12C Datasheet(HTML) 3 Page - STMicroelectronics

  L79L12C Datasheet HTML 1Page - STMicroelectronics L79L12C Datasheet HTML 2Page - STMicroelectronics L79L12C Datasheet HTML 3Page - STMicroelectronics L79L12C Datasheet HTML 4Page - STMicroelectronics L79L12C Datasheet HTML 5Page - STMicroelectronics L79L12C Datasheet HTML 6Page - STMicroelectronics L79L12C Datasheet HTML 7Page - STMicroelectronics L79L12C Datasheet HTML 8Page - STMicroelectronics L79L12C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CONNECTION DIAGRAM AND ORDERING NUMBERS (top view)
ORDERING NUMBERS
Type
SO-8
TO-92
SOT-89
Output Voltage
L79L05C
L79L05AC
L79L05AB
L79L06C
L79L06AC
L79L06AB
L79L08C
L79L08AC
L79L08AB
L79L09C
L79L09AC
L79L09AB
L79L12C
L79L12AC
L79L12AB
L79L15C
L79L15AC
L79L15AB
L79L05CD
L79L05ACD
L79L05ABD
L79L06CD
L79L06ACD
L79L06ABD
L79L08CD
L79L08ACD
L79L08ABD
L79L09CD
L79L09ACD
L79L09ABD
L79L12CD
L79L12ACD
L79L12ABD
L79L15CD
L79L15ACD
L79L15ABD
L79L05CZ
L79L05ACZ
L79L05ABZ
L79L06CZ
L79L06ACZ
L79L06ABZ
L79L08CZ
L79L08ACZ
L79L08ABZ
L79L09CZ
L79L09ACZ
L79L09ABZ
L79L12CZ
L79L12ACZ
L79L12ABZ
L79L15CZ
L79L15ACZ
L79L15ABZ
L79L05ACU
L79L05ABU
L79L06ACU
L79L06ABU
L79L08ACU
L79L08ABU
L79L09ACU
L79L09ABU
L79L12ACU
L79L12ABU
-5 V
-5 V
-5 V
-6 V
-6 V
-6 V
-8 V
-8 V
-8 V
-9 V
-9 V
-9 V
-12 V
-12 V
-12 V
-15 V
-15 V
-15 V
SO-8
TO-92
pin 1 = GND
pin 2 = VIN
pin 3 = VOUT
BOTTOM VIEW
SOT-89
L79L00
3/13


Similar Part No. - L79L12C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L79L12C STMICROELECTRONICS-L79L12C Datasheet
701Kb / 22P
   Negative voltage regulators
L79L12C STMICROELECTRONICS-L79L12C Datasheet
717Kb / 27P
   Negative voltage regulators
L79L12CD13TR STMICROELECTRONICS-L79L12CD13TR Datasheet
705Kb / 22P
   Negative voltage regulators
More results

Similar Description - L79L12C

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com