Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93WD462 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # S93WD462
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  S93WD462 Datasheet HTML 1Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 2Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 3Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 4Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
S93WD462/S93WD463
© SUMMIT MICROELECTRONICS, Inc. 1998
2029-01 4/14/98
Characteristics subject to change without notice
Precision Supply-Voltage Monitor and Reset Controller
With a Watchdog Timer and 1k-bit Microwire Memory
SUMMIT
MICROELECTRONICS, Inc.
FEATURES
Precision Monitor & RESET Controller
— RESET and
RESET
RESET
RESET
RESET
RESET Outputs
— Guaranteed RESET Assertion to VCC = 1V
— 150ms Reset Pulse Width
— Internal 1.26V Reference with
±1% Accuracy
— ZERO External Components Required
Watchdog Timer
— Nominal 1.6 Second Timeout Period
— Reset by Any Transition of CS
Memory
— 1K-bit Microwire Memory
— S93WD462
– Internally Ties ORG Low
– 100% Compatible With all 8-bit
Implementations
– Sixteen Byte Page Write Capability
— S93WD463
– Internally Ties ORG High
– 100% Compatible With all 16-bit
Implementations
– Eight Word Page Write Capability
OVERVIEW
The S93WD462 and S93WD463 are precision power
supervisory circuits providing both active high and
active low reset output. Both devices also incorporate a
watchdog timer with a nominal timeout value of 1.6
seconds.
Both devices have 1k-bits of E2PROM memory that is
accessible via the industry standard microwire bus. The
S93WD462 is configured with an internal ORG pin tied
low providing a 8-bit byte organization and the
S93WD463 is configured with an internal ORG pin tied
high providing a 16-bit word organization. Both the
S93WD462 and S93WD463 have page write capabil-
ity. The devices are designed for a minimum 1,000,000
program/erase cycles and have data retention in ex-
cess of 100 years.
BLOCK DIAGRAM
+
-
7
RESET
6
RESET
8
CS
DI
DO
SK
1
2
3
4
5
GND
2029 ILL2.1
MEMORY
ARRAY
1K-Bit
E2PROM
WRITE
CONTROL
ADDRESS
DECODER
MODE
DECODE
DATA I/O
RESET
CONTROL
WATCHDOG
TIMER
RESET
PULSE
GENERATOR
5KHz
Oscillator
VTRIP
1.26V
VCC
VCC


Similar Part No. - S93WD462

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD462

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com