Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE426HK5680JR05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PHE426HK5680JR05
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426HK5680JR05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PHE426HK5680JR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426HK5680JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
210
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426
100 VDC/63 VAC
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4100JR05
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4120JR05
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4150JR05
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4180JR05
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4220JR05
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4270JR05
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4330JR05
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4390JR05
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4470JR05
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4560JR05
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4680JR05
0.0082
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ4820JR05
0.010
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ5100JR05
0.012
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ5120JR05
0.015
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
100
230
PHE426DJ5150JR05
0.018
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
100
230
PHE426DJ5180JR05
0.022
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
100
230
PHE426DJ5220JR05
0.027
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
100
230
PHE426DJ5270JR05
0.033
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
100
230
PHE426DJ5330JR05
0.039
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
100
230
PHE426DJ5390JR05
0.047
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
100
230
PHE426DJ5470JR05
0.056
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
100
230
PHE426DJ5560JR05
0.068
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
100
230
PHE426DJ5680JR05
0.082
5.0
10.0
7.2
5.0
1000
1300
1500
0.5
100
230
PHE426DJ5820JR05
0.10
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
100
230
PHE426DJ6100JR05
0.12
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
100
230
PHE426DJ6120JR05
0.15
7.2
13.0
7.2
5.0
1000
800
0.9
100
230
PHE426DJ6150JR05
250 VDC/160 VAC
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4100JR05
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4120JR05
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4150JR05
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4180JR05
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4220JR05
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4270JR05
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4330JR05
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4390JR05
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4470JR05
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4560JR05
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4680JR05
0.0082
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ4820JR05
0.010
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ5100JR05
0.012
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ5120JR05
0.015
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
40
230
PHE426HJ5150JR05
0.018
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
40
230
PHE426HJ5180JR05
0.022
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
40
230
PHE426HJ5220JR05
0.027
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
40
230
PHE426HJ5270JR05
0.033
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
40
230
PHE426HJ5330JR05
0.039
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
40
230
PHE426HJ5390JR05
0.047
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
40
230
PHE426HJ5470JR05
0.056
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
40
230
PHE426HJ5560JR05
0.068
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
40
230
PHE426HJ5680JR05
0.082
5.0
10.0
7.2
5.0
1000
1300
1500
0.5
40
230
PHE426HJ5820JR05
0.10
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
40
230
PHE426HJ6100JR05
0.12
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
40
230
PHE426HJ6120JR05
0.15
7.2
13.0
7.2
5.0
1000
800
0.9
40
230
PHE426HJ6150JR05


Similar Part No. - PHE426HK5680JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426HB6220JR06 KEMET-PHE426HB6220JR06 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, PHE426/F426, 0.22 uF, 5%, 250 V, 85C, Lead Spacing = 15mm
PHE426HB6470JR06 KEMET-PHE426HB6470JR06 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, PHE426/F426, 0.47 uF, 5%, 250 V, 85C, Lead Spacing = 15mm
PHE426HB7100JR06 KEMET-PHE426HB7100JR06 Datasheet
233Kb / 1P
   PHE426/F426, Film, Metallized Polypropylene, General Purpose, 1 uF, 5%, 250VDC, 85째C, Lead Spacing = 15mm
PHE426HF7220JR06L2 KEMET-PHE426HF7220JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE426HF7270JR06L2 KEMET-PHE426HF7270JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426HK5680JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com