Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0040222NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA0040222NL
Description  SMT POWER INDUCTORS Shielded Toroid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0040222NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA0040222NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Inductance
DCR (m
Ω)
Inductance
Saturation Current
2 (ADC)
Heating
Part Number
4
@ Irated
Irated
1
@ 0ADC
Current
3
(µH MIN)
(ADC)
TYP
MAX
(µH ±20%)
25°C
100°C
(ADC TYP)
PA0040.102NL
0.80
1.84
80
103
1.0
2.10
1.70
1.84
PA0040.222NL
1.60
1.40
115
130
2.2
1.40
1.12
1.52
PA0040.472NL
3.22
0.98
150
180
4.7
0.98
0.80
1.22
PA0040.103NL
6.96
0.67
214
240
10.0
0.67
0.56
1.04
PA0040.153NL
10.71
0.54
260
300
15.0
0.54
0.48
1.00
PA0040.223NL
15.26
0.45
310
360
22.0
0.45
0.40
0.88
PA0040.333NL
23.59
0.36
470
556
33.0
0.36
0.32
0.80
PA0040.473NL
32.48
0.31
700
833
47.0
0.31
0.26
0.72
SMT POWER INDUCTORS
Shielded Toroid - PA0040NL Series
Mechanical
Schematic
.205 MAX
5,21
PA0040.XXXNL
Date Code
Country of Origin
.230 MAX
5,84
.025 MIN
0,64
.305
7,75
MAX
.071
1,80
MAX
SUGGESTED PAD LAYOUT
.200
5,08
.120
3,05
.300
7,62
1
2
Weight . . . . . . . . . . . . . .0.10 grams
Tape & Reel . . . . . . . . . .3,900/reel
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C
NOTES:
1. The rated current as listed is either the saturation current or the heating current
depending on which value is lower.
2. The saturation current is the current which causes the inductance to drop by 30% at
the stated ambient temperatures (25°C, 100°C). This current is determined by
placing the component in the specified ambient environment and applying a short
duration pulse current (to eliminate self-heating effects) to the component.
3. The heating current is the dc current which causes the temperature of the part to
increase by approximately 40°C. This current is determined by mounting the com-
ponent on a PCB and applying the current to the device for 30 minutes without any
forced air.
4. The Leaded version of these parts is available by removing the “NL” suffix when
ordering.
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Typical Inductance vs. DC Bias
0.1
1
10
100
0.001
0.01
0.1
1
10
Current (ADC)
Height: 1.8mm Max
Footprint: 7.8mm x 5.2mm Max
Current Rating: up to 1.84A
Inductance Range: .80µH to 32.5µH
TAPE & REEL
LAYOUT
.075
1,91
.016
0,41
.110
2,79
.315
8,00
.035
0,89
.069
1,75
USER DIRECTION OF FEED
.630 ± .012
16,00 ± 0,30
.230
5,84
.079
2,00
.295
7,49
.157
4,00
www.pulseeng.com
P535.A (1/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Taipei Hsien
Taiwan
TEL: 886 2 26980228
FAX: 886 2 26980948
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396


Similar Part No. - PA0040222NL

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
PA002FMA UNIKC-PA002FMA Datasheet
509Kb / 5P
   P-Channel Enhancement Mode MOSFET
PA002FMG UNIKC-PA002FMG Datasheet
519Kb / 6P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
PA002FMG VBSEMI-PA002FMG Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA006BD NIKOSEM-PA006BD Datasheet
192Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA006BD UNIKC-PA006BD Datasheet
821Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - PA0040222NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_42 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
SPM2007 PULSE-SPM2007_44 Datasheet
181Kb / 2P
   SMT POWER INDUCTORS Toroid - SLIC Series
P0179 PULSE-P0179 Datasheet
124Kb / 2P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0402 PULSE-P0402 Datasheet
114Kb / 1P
   SMT POWER INDUCTORS Toroid - Tomcat Series
P0149 PULSE-P0149 Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
P0179NLT PULSE-P0179NLT Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0175 PULSE-P0175 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0400 PULSE-P0400 Datasheet
133Kb / 2P
   SMT POWER INDUCTORS Toroid - Tomcat Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
P0596 PULSE-P0596 Datasheet
121Kb / 2P
   SMT POWER INDUCTORS Toroid - HCCI-80 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com