Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42HF1200 Datasheet(PDF) 2 Page - International Rectifier

Part # 42HF1200
Description  STANDARD RECOVERY DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

42HF1200 Datasheet(HTML) 2 Page - International Rectifier

  42HF1200 Datasheet HTML 1Page - International Rectifier 42HF1200 Datasheet HTML 2Page - International Rectifier 42HF1200 Datasheet HTML 3Page - International Rectifier 42HF1200 Datasheet HTML 4Page - International Rectifier 42HF1200 Datasheet HTML 5Page - International Rectifier 42HF1200 Datasheet HTML 6Page - International Rectifier 42HF1200 Datasheet HTML 7Page - International Rectifier 42HF1200 Datasheet HTML 8Page - International Rectifier 42HF1200 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
40HF(R) Series
2
Bulletin I20201 rev. C 03/04
www.irf.com
Parameter
Units Conditions
40HF(R)
10 to 120 140 , 160
Voltage
V
RRM, maximum
V
RSM, maximum non-
I
RRM max.
Type number
Code
repetitive peak
repetitive peak
@ T
J = TJ max.
reverse voltage
reverse voltage
VV
mA
10
100
200
9
20
200
300
40
400
500
40HF(R)
60
600
700
80
800
900
100
1000
1100
120
1200
1300
140
1400
1500
4.5
160
1600
1700
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
40
40
A
180° conduction, half sine wave
@ Case temperature
140
110
°C
IF(RMS) Max. RMS forward current
62
A
I
FSM
Max. peak, one-cycle forward,
570
t = 10ms
No voltage
non-repetitive surge current
595
t = 8.3ms
reapplied
480
t = 10ms
100% V
RRM
500
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
1600
t = 10ms
No voltage
Initial T
J = TJ max.
1450
t = 8.3ms
reapplied
1150
t = 10ms
100% V
RRM
1050
t = 8.3ms
reapplied
I2√t
Maximum I2√t for fusing
16000
A2√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)
Value of threshold
voltage (up to 1200V)
V
F(TO)
Value of threshold
voltage (for 1400V, 1600V)
r
f
Value of forward slope
resistance (up to 1200V)
r
f
Value of forward slope
resistance (for 1400V, 1600V)
VFM
Max. forward voltage drop
1.30
1.50
V
Ipk = 125A, TJ = 25°C, tp = 400µs rectangular wave
3.8
T
J = TJ max.
4.29
T
J = TJ max.
mΩ
0.76
T
J = TJ max.
0.65
T
J = TJ max.
V
A2s
Forward Conduction


Similar Part No. - 42HF1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
42HF120 VISHAY-42HF120 Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
42HF120M VISHAY-42HF120M Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
More results

Similar Description - 42HF1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com