Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSG316 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # TDSG316
Description  13 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDSG316 Datasheet(HTML) 6 Page - TEMIC Semiconductors

  TDSG316 Datasheet HTML 1Page - TEMIC Semiconductors TDSG316 Datasheet HTML 2Page - TEMIC Semiconductors TDSG316 Datasheet HTML 3Page - TEMIC Semiconductors TDSG316 Datasheet HTML 4Page - TEMIC Semiconductors TDSG316 Datasheet HTML 5Page - TEMIC Semiconductors TDSG316 Datasheet HTML 6Page - TEMIC Semiconductors TDSG316 Datasheet HTML 7Page - TEMIC Semiconductors TDSG316 Datasheet HTML 8Page - TEMIC Semiconductors TDSG316 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TELEFUNKEN Semiconductors
TDS.51..
Rev. A1: 01.06.1995
6 (9)
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10090
l – Wavelength ( nm )
1.0
Orange-Red
Figure 13. Relative Luminous Intensity vs. Wavelength
0
2
468
0.1
1
10
100
1000
10
95 10030
VF – Forward Voltage ( V )
Yellow
tp/T=0.001
tp=10ms
Figure 14. Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Yellow
IF=10mA
Figure 15. Rel. Luminous Intensity vs. Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Yellow
Figure 16. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10033
Yellow
Figure 17. Relative Luminous Intensity vs. Forward Current
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
l – Wavelength ( nm )
1.0
Yellow
Figure 18. Relative Luminous Intensity vs. Wavelength


Similar Part No. - TDSG316

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG316 VISHAY-TDSG316 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSG3160 VISHAY-TDSG3160 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSG3160 VISHAY-TDSG3160 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3160 VISHAY-TDSG3160 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3160 VISHAY-TDSG3160 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
More results

Similar Description - TDSG316

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com