Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9949CA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # B9949CA
Description  3.3V 160-MHz 1:15 Clock Distribution Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

B9949CA Datasheet(HTML) 6 Page - Cypress Semiconductor

  B9949CA Datasheet HTML 1Page - Cypress Semiconductor B9949CA Datasheet HTML 2Page - Cypress Semiconductor B9949CA Datasheet HTML 3Page - Cypress Semiconductor B9949CA Datasheet HTML 4Page - Cypress Semiconductor B9949CA Datasheet HTML 5Page - Cypress Semiconductor B9949CA Datasheet HTML 6Page - Cypress Semiconductor B9949CA Datasheet HTML 7Page - Cypress Semiconductor B9949CA Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
B9949
Document #: 38-07081 Rev. *C
Page 6 of 8
Package Drawing and Dimensions (52 TQFP)
52-Pin TQFP Outline Dimensions
Symbol
Inches
Millimeters
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
0.047
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.037
-
0.041
0.95
-
1.05
D
-
0.472
-
-
12.00
-
D1
-
0.394
-
-
10.00
-
b
0.009
-
0.015
0.22
-
0.38
e
0.026 BSC
0.65 BSC
L
0.018
-
0.030
0.45
-
0.75
D
D1
A2
b
e
10°
A
L
A1


Similar Part No. - B9949CA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9946CA CYPRESS-B9946CA Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
B9947CA CYPRESS-B9947CA Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
More results

Similar Description - B9949CA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
   3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
B9948L CYPRESS-B9948L Datasheet
69Kb / 6P
   2.5V/3.3V, 160-MHz, 1:12 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949 CYPRESS-CY29949 Datasheet
111Kb / 7P
   2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com