Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93WD463PA Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # S93WD463PA
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD463PA Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button S93WD463PA Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 12Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 13Page - Summit Microelectronics, Inc. S93WD463PA Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
S93WD462/S93WD463
2029-01 4/14/98
Frequently the reset controller will be deployed on a PC board that provides a peripheral function to a system.
Examples might be modem or network cards in a PC or a PCMCIA card in a laptop. In instances like this the peripheral
card may have a requirement for a clean reset function to insure proper operation. The system may or may not provide
a reset pulse of sufficient duration to clear the peripheral or to protect data stored in a nonvolatile memory.
The I/O capability of the RESET pins can provide a solution. The system’s reset signal to the peripheral can be fed
into the S93WD462/WD463 and it in turn can clean up the signal and provide a known entity to the peripheral’s circuits.
The figure below shows the basic timing characteristics under the assumption the reset input is shorter in duration
than tPURST. The same reset output affect can be attained by using the active high reset input.
When planning your resistor pull-up and pull-down values, use the following chart to help determine min. resistances.
Condition
Min
Typ
Max
Units
VCC = 1.0V, IOL=100
µA
0.3
V
VCC = 1.2V, IOL=100
µA
0.3
V
VCC = 3.0V, IOL=500
µA
0.3
V
VCC = 3.6V, IOL=500
µA
0.3
V
VCC = 4.5V, IOL=750
µA
0.3
V
VCC = 1.0V, IOL=100
µA
0.4
V
VCC = 1.2V, IOL=150
µA
0.4
V
VCC = 3.0V, IOL=750
µA
0.4
V
VCC = 3.6V, IOL=1mA
0.4
V
VCC = 4.5V, IOL=1mA
0.4
V
VCC = 1.0V, IOH=400
µAVCC-0.75
V
VCC = 1.2V, IOH=800
µAVCC-0.75
V
VCC = 3.0V, IOH=800
µAVCC-0.5
V
VCC = 3.6V, IOH=800
µAVCC-0.5
V
VCC = 4.5V, IOH=800
µAVCC-0.5
V
Worst Case RESET Sink/Source Capabilities at Various VCC Levels
Parameter
Symbol
RESET Output
VOL
Voltage
RESET Output
VOL
Voltage
RESET Output
VOH
Voltage
2029 PGM T5.0
RESET
Input
RESET
Output
RESET
Output
2029 ILL 12.0
t PURST


Similar Part No. - S93WD463PA

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD463PA

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com