Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP814ZXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2DP814ZXIT
Description  ComLink??Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814ZXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2DP814ZXIT Datasheet HTML 1Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 2Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 3Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 4Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 5Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 6Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 7Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ComLink™ Series
CY2DP814
Document #: 38-07060 Rev. *D
Page 2 of 8
Pin Description
Pin Number
Pin Name
Pin Standard Interface
Description
6, 7
IN+, IN–
Configurable
Differential input pair or single line. LVPECL default.
See CONFIG below.
2
CONFIG
LVTTL/LVCMOS
Converts inputs from the default
LVPECL/LVDS
(logic = 0)
to
LVTTL/LVCMOS
(logic = 1).
See Figure 6 and Figure 7 for additional information
1, 8
EN1, EN2
LVTTL/LVCMOS
Enable/disable logic. See Function Table below for
details.
16, 15, 14, 13, 12, 11, 10, 9
Q1A, Q1B,
Q2A, Q2B,
Q3A, Q3B,
Q4A, Q4B
LVPECL
Differential outputs.
3, 4
VDD
POWER
Positive supply voltage.
5GND
POWER
Ground.


Similar Part No. - CY2DP814ZXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814ZXIT CYPRESS-CY2DP814ZXIT Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
More results

Similar Description - CY2DP814ZXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL814 CYPRESS-CY2DL814_05 Datasheet
190Kb / 8P
   ComLink??Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com