Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93WD462PB Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # S93WD462PB
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462PB Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button S93WD462PB Datasheet HTML 4Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
S93WD462/S93WD463
2029-01 4/14/98
Limits
VCC=2.7V-4.5V VCC=4.5V-5.5V
Test
SYMBOL PARAMETER
Min.
Max.
Min.
Max.
UNITS
Conditions
tCSS
CS Setup Time
100
50
ns
tCSH
CS Hold Time
0
0
ns
VIL = 0.45V
tDIS
DI Setup Time
200
100
ns
VIH = 2.4V
tDIH
DI Hold Time
200
100
ns
CL = 100pF
tPD1
Output Delay to 1
0.5
0.25
µsVOL = 0.8V
tPD0
Output Delay to 0
0.5
0.25
µsVOH = 2.0v
tHZ(1)
Output Delay to High-Z
200
100
ns
tEW
Program/Erase Pulse Width
10
10
ms
tCSMIN
Minimum CS Low Time
0.5
0.25
µs
tSKHI
Minimum SK High Time
0.5
0.25
µs
tSKLOW
Minimum SK Low Time
0.5
0.25
µs
tSV
Output Delay to Status Valid
0.5
0.25
µsCL = 100pF
SKMAX
Maximum Clock Frequency
DC
500
DC
1000
KHZ
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
CL = 100pF
2029 PGM T6.0
PIN CAPACITANCE
Symbol
Test
Max.
Units
Conditions
COUT(1)
OUTPUT CAPACITANCE (DO)
5
pF
VOUT=OV
CIN(1)
INPUT CAPACITANCE (CS, SK, DI, ORG)
5
pF
VIN=OV
2029 PGM T4.0


Similar Part No. - S93WD462PB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD462PB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com