Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93WD462PB Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # S93WD462PB
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462PB Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  S93WD462PB Datasheet HTML 1Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 2Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 3Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 4Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462PB Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
S93WD462/S93WD463
2029-01 4/14/98
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
+2.7 to 6.0V Power Supply
GND
Ground
RESET/
RESET
RESET I/O
PIN CONFIGURATION
DIP Package (P)
SOIC Package (S)
DEVICE OPERATION
APPLICATIONS
The S93WD462/WD463 is ideal for applications requir-
ing low voltage and low power consumption. This device
provides microcontroller RESET control and can be
manually resettable.
RESET CONTROLLER DESCRIPTION
The S93WD462/WD463 provides a precision reset con-
troller that ensures correct system operation during
brown-out and power-up/-down conditions. It is config-
ured with two open drain reset outputs; pin 7 is an active
high output and pin 6 is an active low output.
During power-up, the reset outputs remain active until
VCC reaches the VTRIP threshold. The outputs will con-
tinue to be driven for approximately 150 ms after reach-
ing VTRIP. The reset outputs will be valid so long as VCC
is
1.0V. During power-down, the reset outputs will
begin driving active when VCC falls below VTRIP.
The reset pins are I/Os; therefore, the S93WD462/
WD463 can act as a signal conditioning circuit for an
externally applied reset. The inputs are edge triggered;
that is, the RESET input will initiate a reset timeout after
detecting a low to high transition and the
RESET input
will initiate a reset timeout after detecting a high to low
transition. Refer to the applications Information section
for more details on device operation as a debounce/
reset extender circuit.
It should be noted the reset outputs are open drain.
When used as outputs driving a circuit they need to be
either tied high (
RESET) or tied to ground (RESET)
through the use of pull-up or pull-down resistors. Refer
to the applications aid section for help in determining the
value of resistor to be used. Internally these pins are
weakly pulled up (
RESET) and pulled down (RESET):
therefore, if the signals are not being used the pins may
be left unconnected.
WATCHDOG TIMER DESCRIPTION
The S93WD462/WD463 has a watchdog timer with a
nominal timeout period of 1.6 seconds. Whenever the
watchdog times out, it will generate a reset output to both
pins 6 and 7. The watchdog timer is reset by any
transition on CS.
The watchdog timer will be held in a reset state during
power-on while VCC is less than VTRIP. Once VCC
exceeds VTRIP the watchdog will continue to be held in
a reset state for the tPURST period. After tPURST it will be
released and the timer will begin operation. If either reset
input is asserted the watchdog timer will be reset and
remain in the reset condition until either tPURST has
expired or the reset input is released, whichever is
longer.
GENERAL OPERATION
The S93WD462/WD463 is a 1024-bit nonvolatile memory
intended for use with industry standard microproces-
sors. The S93WD463 is organized as X16, seven 9-bit
instructions control the reading, writing and erase
operations of the device. The S93WD462 is organized
as X8, seven 10-bit instructions control the reading,
writing and erase operations of the device. The device
operates on a single 3V or 5V supply and will generate
2029 ILL1.0
CS
SK
DI
DO
VCC
RESET
RESET
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
RESET
RESET
GND
1
2
3
4
8
7
6
5


Similar Part No. - S93WD462PB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD462PB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com