Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28273FAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28273FAZ
Description  Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28273FAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28273FAZ Datasheet HTML 1Page - Intersil Corporation ISL28273FAZ Datasheet HTML 2Page - Intersil Corporation ISL28273FAZ Datasheet HTML 3Page - Intersil Corporation ISL28273FAZ Datasheet HTML 4Page - Intersil Corporation ISL28273FAZ Datasheet HTML 5Page - Intersil Corporation ISL28273FAZ Datasheet HTML 6Page - Intersil Corporation ISL28273FAZ Datasheet HTML 7Page - Intersil Corporation ISL28273FAZ Datasheet HTML 8Page - Intersil Corporation ISL28273FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6260.4
August 3, 2007
iN
Input Noise Current Density
ISL28270, ISL28470
fo = 1kHz
0.37
pA/
√Hz
ISL28273
0.75
pA/
√Hz
CMRR @
60Hz
Input Common Mode Rejection Ratio
ISL28270, ISL28470
VCM = 1VP-P,
RL = 10kΩ to VCM
100
dB
ISL28273
83
PSRR+ @
120Hz
Power Supply Rejection Ratio (V+)
ISL28270, ISL28470
V+, V- = ±1.2V, ±2.5V,
VSOURCE = 1VP-P,
RL = 10kΩ to VCM
96
dB
ISL28273
77
dB
PSRR- @
120Hz
Power Supply Rejection Ratio (V-)
ISL28270, ISL28470
V+, V- = ±1.2V, ±2.5V,
VSOURCE = 1VP-P,
RL = 10kΩ to VCM
105
dB
ISL28273
84
dB
NOTE:
1. Parts are 100% tested at +25°C. Over temperature limits established by characterization and are not production tested.
2. VSUPPLY = +5.25V max when VENL = +V (device in disable state).
Typical Performance Curves
V+ = +5V, V- = 0V VCM = 1/2V+, VEN = V-, RL = Open, TA = +25°C, unless otherwise specified.
FIGURE 1. ISL28270, ISL28470 FREQUENCY RESPONSE vs
CLOSED LOOP GAIN, VCM = V+ = 5V
FIGURE 2. ISL28273 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN, VCM = V+ = 5V
FIGURE 3. ISL28270, ISL28470 FREQUENCY RESPONSE vs
CLOSED LOOP GAIN. V+ = 5V, VCM = 1/2V+
FIGURE 4. ISL28273 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN. V+ = 5V, VCM = 1/2V+
Electrical Specifications
V+ = +5V, V- = 0V VCM = 1/2V+, VEN = V-, RL = Open, TA = +25°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
30
40
50
60
70
80
90
FREQUENCY (Hz)
GAIN = 100V/V
GAIN = 200V/V
GAIN = 500V/V
GAIN = 1,000V/V
GAIN = 2,000V/V
GAIN = 5,000V/V
GAIN = 10,000V/V
COMMON-MODE INPUT = V+
1
10
100
1k
10k
100k
1M
10
20
30
40
50
60
70
1E+00
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
FREQUENCY (Hz)
GAIN = 1000
GAIN = 500
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
COMMON-MODE INPUT = V+
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 100V/V
GAIN = 200V/V
GAIN = 500V/V
GAIN = 1,000V/V
GAIN = 2,000V/V
GAIN = 5,000V/V
GAIN = 10,000V/V
COMMON-MODE INPUT = 1/2V+
10
20
30
40
50
60
70
1E+00
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
FREQUENCY (Hz)
GAIN = 500
GAIN = 1000
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
COMMON-MODE INPUT = 1/2V+
ISL28270, ISL28273, ISL28470


Similar Part No. - ISL28273FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28273FAZ INTERSIL-ISL28273FAZ Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28273FAZ RENESAS-ISL28273FAZ Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28273FAZ-T7 INTERSIL-ISL28273FAZ-T7 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28273FAZ-T7 RENESAS-ISL28273FAZ-T7 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
More results

Similar Description - ISL28273FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com