Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28286 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28286
Description  Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28286 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28286_07 Datasheet HTML 6Page - Intersil Corporation ISL28286_07 Datasheet HTML 7Page - Intersil Corporation ISL28286_07 Datasheet HTML 8Page - Intersil Corporation ISL28286_07 Datasheet HTML 9Page - Intersil Corporation ISL28286_07 Datasheet HTML 10Page - Intersil Corporation ISL28286_07 Datasheet HTML 11Page - Intersil Corporation ISL28286_07 Datasheet HTML 12Page - Intersil Corporation ISL28286_07 Datasheet HTML 13Page - Intersil Corporation ISL28286_07 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6312.1
June 28, 2007
Pin Descriptions
ISL28286
(10 LD MSOP)
ISL28486
(16 LD QSOP) PIN NAME EQUIVALENT CIRCUIT
DESCRIPTION
1
3
IN+_A
Circuit 1
Amplifier A non-inverting input
2EN_A
Circuit 2
Amplifier A enable pin internal pull-down; Logic “1” selects the disabled
state; Logic “0” selects the enabled state.
3
13
V-
Circuit 4
Negative power supply
4EN_B
Circuit 2
Amplifier B enable pin with internal pull-down; Logic “1” selects the disabled
state; Logic “0” selects the enabled state.
5
5
IN+_B
Circuit 1
Amplifier B non-inverting input
6
6
IN-_B
Circuit 1
Amplifier B inverting input
7
7
OUT_B
Circuit 3
Amplifier B output
8
4
V+
Circuit 4
Positive power supply
9
1
OUT_A
Circuit 3
Amplifier A output
10
2
IN-_A
Circuit 1
Amplifier A inverting input
10
OUT_C
Circuit 3
Amplifier C output
11
IN-_C
Circuit 1
Amplifier C inverting input
12
IN+_C
Circuit 1
Amplifier C non-inverting input
14
IN+_D
Circuit 1
Amplifier D non-inverting input
15
IN-_D
Circuit 1
Amplifier D inverting input
16
OUT_D
Circuit 3
Amplifier D output
8, 9
NC
-
No internal connection
IN-
V+
V-
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
IN+
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
ISL28286, ISL28486


Similar Part No. - ISL28286_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28286FUZ INTERSIL-ISL28286FUZ Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
logo
Renesas Technology Corp
ISL28286FUZ RENESAS-ISL28286FUZ Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28286FUZ-T7 INTERSIL-ISL28286FUZ-T7 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results

Similar Description - ISL28286_07

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
   Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com