Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28290FBZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL28290FBZ-T7
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290FBZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL28290FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN6247.7
March 17, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Tolerance
Human Body Model (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Machine Model (MM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Charged Device Model (CDM) . . . . . . . . . . . . . . . . . . . . . . .1200V
Thermal Resistance (typical, Note )
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
6 Ld µTDFN Package . . . . . . . . . . . . . . . . . . . . . . .
125
10 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . .
150
10 Ld µTQFN Package . . . . . . . . . . . . . . . . . . . . . .
180
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
125
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5.0V, V- = GND, RL = Open, RF = 1kΩ, AV = -1 unless otherwise specified. Parameters are per amplifier.
Typical values are at V+ = 5V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C, temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
-1100
240
700
900
µV
Input Offset Drift vs Temperature
See Figure 21
1.9
µV/°C
IIO
Input Offset Current
40
500
900
nA
IB
Input Bias Current
10
16
18
µA
VCM
Common-Mode Voltage Range
03.8
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 3.8V
78
103
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 5V
74
80
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4V, RL = 1kΩ
94
90
102
dB
VOUT
Maximum Output Voltage Swing
Output low, RL = 1kΩ
20
50
80
mV
Output high, RL = 1kΩ, V+ = 5V
4.95
4.92
4.97
V
IS,ON
Supply Current per Channel,
Enabled
8.5
11
13
mA
IS,OFF
Supply Current, Disabled
26
35
52
µA
IO+
Short-Circuit Output Current
RL = 10Ω
95
90
144
mA
IO-
Short-Circuit Output Current
RL = 10Ω
95
90
135
mA
VSUPPLY
Supply Operating Range
V+ to V-
35.5
V
VENH
EN High Level
Referred to V-
2
V
ΔV
OS
ΔT
----------------
ISL28190, ISL28290


Similar Part No. - ISL28290FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28290FBZ-T7 INTERSIL-ISL28290FBZ-T7 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290FBZ-T7 RENESAS-ISL28290FBZ-T7 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290FBZ-T7 RENESAS-ISL28290FBZ-T7 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
More results

Similar Description - ISL28290FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com