Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29003IROZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL29003IROZ-T7
Description  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29003IROZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL29003IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7464.3
October 8, 2007
Solution 2 - Using External Timing Mode
From solution 1, the desired integration time is 100ms. Note
that the REXT resistor only determines the inter oscillator
frequency when using external timing mode. Instead the
integration time is the time between two sync_iic commands
sent through the I2C. The programmer determines how
many I2C clock cycles to wait between two external timing
commands.
iI2C = fI2C*tint = number of I
2C clock cycles
iI2C = 10kHz *100ms
iI2C = 1,000 I
2C clock cycles. An external sync_iic command
sent 1,000 cycles after another sync_iic command rejects
both 60Hz and 50Hz AC noise signals.
Next is to pick an arbitrary REXT = 100kΩ and to choose the
Gain/Range Mode. For a maximum 500 lux, Range1 is
adequate. From Equation 3:
The effective transfer function becomes:
DATA is the sensor reading data located in data registers
04(hex) and 05(hex)
COUNTER is the timer counter value data located in data
registers 06(hex) and 07(hex). In this sample problem,
COUNTER = 1000.
IR Rejection
Any filament type light source has a high presence of infrared
component invisible to the human eye. A white fluorescent
lamp, on the other hand has a low IR content. As a result,
output sensitivity may vary depending on the light source.
Maximum attenuation of IR can be achieved by properly
scaling the readings of Diode1 and Diode2. The user obtains
data reading from sensor Diode 1, D1, which is sensitive to
visible and IR, then reading from sensor Diode 2, D2 which is
mostly sensitive from IR. The graph on Figure 8 shows the
effective spectral response after applying Equation 14 of the
ISL29003 from 400nm to 1000nm. Equation 14 describes the
method of cancelling IR in internal timing mode.
Where:
data = lux amount in number of counts less IR presence
D1 = data reading of Diode 1
D2 = data reading of Diode 2
n = 1.85. This is a fudge factor to scale back the sensitivity
up to ensure Equation 4 is valid.
k = 7.5. This is a scaling factor for the IR sensitive Diode 2.
Flat Window Lens Design
A window lens will surely limit the viewing angle of the
ISL29003. The window lens should be placed directly on top
of the device. The thickness of the lens should be kept at
minimum to minimize loss of power due to reflection and
also to minimize loss of loss due to absorption of energy in
the plastic material. A thickness of t = 1mm is recommended
for a window lens design. The bigger the diameter of the
window lens, the wider the viewing angle is of the ISL29003.
Table 16 shows the recommended dimensions of the optical
window to ensure both 35° and 45° viewing angle. These
dimensions are based on a window lens thickness of 1.0mm
and a refractive index of 1.59.
TABLE 14. SOLUTION1 SUMMARY TO EXAMPLE DESIGN
PROBLEM
DESIGN PARAMETER
VALUE
tint
100ms
REXT
50k
Ω
Gain/Range Mode
Range1 = 1000 lux
FSR
2000 lux
# of clock cycles
216
Transfer Function
TABLE 15. SOLUTION2 SUMMARY TO EXAMPLE DESIGN
PROBLEM
DESIGN PARAMETER
VALUE
tint
100ms
REXT
100k
Ω
Gain/Range Mode
Range1 = 1000 lux
FSR
1000 lux
# of clock cycles
COUNTER = 1000
Transfer Function
E
DATA
2
16
-----------------
2000 lux
×
=
FSR
1000 lux
100k
Ω
100k
Ω
------------------
=
FSR
1000 lux
=
E
DATA
COUNTER
--------------------------------
1000 lux
×
=
E
DATA
COUNTER
--------------------------------
1000 lux
×
=
D3
n D1
kD2
()
=
(EQ. 14)
DLENS
t
D1
DTOTAL
∅ = Viewing angle
WINDOW LENS
ISL29003
FIGURE 4. FLAT WINDOW LENS
ISL29003


Similar Part No. - ISL29003IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29003IROZ-T7 INTERSIL-ISL29003IROZ-T7 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-T7 INTERSIL-ISL29003IROZ-T7 Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
More results

Similar Description - ISL29003IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com