Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29003IROZ-EVAL Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL29003IROZ-EVAL
Description  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29003IROZ-EVAL Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL29003IROZ-EVAL Datasheet HTML 7Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 8Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 9Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 10Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 11Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 12Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 13Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 14Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN7464.3
October 8, 2007
Window with Light Guide Design
If a smaller window is desired while maintaining a wide
effective viewing angle of the ISL29003, a cylindrical piece of
transparent plastic is needed to trap the light and then focus
and guide the light on to the device. Hence the name light
guide or also known as light pipe. The pipe should be placed
directly on top of the device with a distance of D1 = 0.5mm
to achieve peak performance. The light pipe should have
minimum of 1.5mm in diameter to ensure that whole area of
the sensor will be exposed. See Figure 5.
TABLE 16. RECOMMENDED DIMENSIONS FOR A FLAT
WINDOW DESIGN
DTOTAL
D1
DLENS @ 35°
VIEWING ANGLE
DLENS @ 45°
VIEWING ANGLE
1.5
0.50
2.25
3.75
2.0
1.00
3.00
4.75
2.5
1.50
3.75
5.75
3.0
2.00
4.30
6.75
3.5
2.50
5.00
7.75
t = 1
Thickness of lens
D1
Distance between ISL29001 and inner edge of lens
DLENS
Diameter of lens
DTOTAL
Distance constraint between the ISL29001 and lens
outer edge
* All dimensions are in mm.
DLENS
t
L
DLENS
LIGHT PIPE
ISL29003
D2
D2 >1.5mm
FIGURE 5. WINDOW WITH LIGHT GUIDE/PIPE
6
5
4
0.56mm
0.46mm
2.00mm
1
2
3
0.29mm
2.10mm
FIGURE 6. SENSOR LOCATION DRAWING
ISL29003


Similar Part No. - ISL29003IROZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
More results

Similar Description - ISL29003IROZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com