Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8734A Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8734A
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8734A Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8734A Datasheet HTML 17Page - Maxim Integrated Products MAX8734A Datasheet HTML 18Page - Maxim Integrated Products MAX8734A Datasheet HTML 19Page - Maxim Integrated Products MAX8734A Datasheet HTML 20Page - Maxim Integrated Products MAX8734A Datasheet HTML 21Page - Maxim Integrated Products MAX8734A Datasheet HTML 22Page - Maxim Integrated Products MAX8734A Datasheet HTML 23Page - Maxim Integrated Products MAX8734A Datasheet HTML 24Page - Maxim Integrated Products MAX8734A Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
21
undervoltage-protection circuit, this current-limit
method is effective in almost every circumstance.
A negative current limit prevents excessive reverse
inductor currents when VOUT sinks current. The nega-
tive current-limit threshold is set to approximately 120%
of the positive current limit and therefore tracks the
positive current limit when ILIM_ is adjusted.
The current-limit threshold is adjusted with an external
voltage-divider at ILIM_. The current-limit threshold
adjustment range is from 50mV to 300mV. In the
adjustable mode, the current-limit threshold voltage is
precisely 1/10th the voltage at ILIM_. The threshold
defaults to 100mV when ILIM_ is connected to VCC.
The logic threshold for switchover to the 100mV default
value is approximately VCC - 1V.
Carefully observe the PC board layout guidelines to
ensure that noise and DC errors do not corrupt the cur-
rent-sense signals at CS_. Mount or place the device
close to the synchronous rectifier or sense resistor
(whichever is used) with short, direct traces, making a
Kelvin-sense connection to the sense resistor. The cur-
rent-sense accuracy of Figure 8 is degraded if the
Schottky diode conducts during the synchronous recti-
fier on-time. To ensure that all current passes through
the sense resistor, connect the Schottky diode in paral-
lel with only the synchronous rectifier (Figure 9) if the
voltage drop across the synchronous rectifier and
sense resistor exceeds the Schottky diode’s forward
voltage. Note that at high temperatures, the on-resis-
tance of the synchronous rectifier increases and the
forward voltage of the Schottky diode decreases.
MOSFET Gate Drivers (DH_, DL_)
The DH_ and DL_ gate drivers sink 2.0A and 3.3A,
respectively, of gate drive, ensuring robust gate drive for
high-current applications. The DH_ floating high-side
MOSFET drivers are powered by diode-capacitor charge
pumps at BST_. The DL_ synchronous-rectifier drivers are
powered by LDO5.
The internal pulldown transistors that drive DL_ low
have a 0.6
Ω typical on-resistance. These low on-resis-
tance pulldown transistors prevent DL_ from being
pulled up during the fast rise time of the inductor nodes
due to capacitive coupling from the drain to the gate of
the low-side synchronous-rectifier MOSFETs. However,
for high-current applications, some combinations of
high- and low-side MOSFETS may cause excessive
gate-drain coupling, which leads to poor efficiency and
EMI-producing shoot-through currents. Adding a resis-
tor in series with BST_ increases the turn-on time of the
MAX8732A
MAX8733A
V+
DH_
DL_
CS_
LX_
OUT_
Figure 8. Current Sensing Using Sense Resistor
(MAX8732A/MAX8733A)
MAX8732A
MAX8733A
V+
DH_
DL_
CS_
LX_
OUT_
Figure 9. More Accurate Current Sensing with Adjusted
Schottky Connection
MAX8732A
MAX8733A
MAX8734A
5V
VIN
10
BST
DH
LX
Figure 10. Reducing the Switching-Node Rise Time


Similar Part No. - MAX8734A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8734 MAXIM-MAX8734 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8734EEI MAXIM-MAX8734EEI Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
More results

Similar Description - MAX8734A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com