Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8734A Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX8734A
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8734A Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX8734A Datasheet HTML 25Page - Maxim Integrated Products MAX8734A Datasheet HTML 26Page - Maxim Integrated Products MAX8734A Datasheet HTML 27Page - Maxim Integrated Products MAX8734A Datasheet HTML 28Page - Maxim Integrated Products MAX8734A Datasheet HTML 29Page - Maxim Integrated Products MAX8734A Datasheet HTML 30Page - Maxim Integrated Products MAX8734A Datasheet HTML 31Page - Maxim Integrated Products MAX8734A Datasheet HTML 32Page - Maxim Integrated Products MAX8734A Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
29
the minimum V+ is:
Calculating with h = 1 yields:
Therefore, V+ must be greater than 6.65V. A practical
input voltage with reasonable output capacitance
would be 7.5V.
Use of Coupled Inductors to Create
Auxiliary Outputs
A coupled inductor or transformer can be substituted for
the inductor in the 5V or 3.3V SMPS to create an auxiliary
output (Figure 12). The MAX8732A/MAX8733A/
MAX8734A are particularly well suited for such applica-
tions because they can be configured in ultrasonic or
forced-PWM mode to ensure good load regulation when
the main supplies are lightly loaded. An additional
postregulation circuit can be used to improve load regula-
tion and limit output current.
The power requirements of the auxiliary supply must be
considered in the design of the main output. The trans-
former must be designed to deliver the required current
in both the primary and the secondary outputs with the
proper turns ratio and inductance. The power ratings of
the synchronous-rectifier MOSFETs and the current limit
in the MAX8732A/MAX8733A/MAX8734A must also be
adjusted accordingly. Extremes of low input-output dif-
ferentials, widely different output loading levels, and high
turns ratios can further complicate the design due to par-
asitic transformer parameters such as interwinding
capacitance, secondary resistance, and leakage induc-
tance. Power from the main and secondary outputs is
combined to get an equivalent current referred to the
main output. Use this total current to determine the cur-
rent limit (see the Determining the Current Limit section):
where ITOTAL is the equivalent output current referred
to the main output and PTOTAL is the sum of the output
power from both the main output and the secondary
output:
where LPRIMARY is the primary inductance, N is the
transformer turns ratio, VSEC is the minimum-required
rectified secondary voltage, VFWD is the forward drop
across the secondary rectifier, VOUT(MIN) is the minimum
value of the main output voltage, and VRECT is the on-
state voltage drop across the synchronous rectifier
MOSFET. The transformer secondary return is often con-
nected to the main output voltage instead of ground to
reduce the necessary turns ratio. In this case, subtract
VOUT from the secondary voltage (VSEC - VOUT) in the
transformer turns-ratio equation above.
The secondary diode in coupled-inductor applications
must withstand flyback voltages greater than 60V, which
usually rules out most Schottky rectifiers. Common sili-
con rectifiers, such as the 1N4001, are also prohibited
because they are too slow. This often makes fast silicon
rectifiers such as the MURS120 the only choice. The fly-
back voltage across the rectifier is related to the VIN -
VOUT difference, according to the transformer turns ratio:
VFLYBACK = VSEC + (VIN - VOUT) N
where N is the transformer turns ratio (secondary wind-
ings/primary windings), VSEC is the maximum secondary
DC output voltage, and VOUT is the primary (main) out-
put voltage. If the secondary winding is returned to VOUT
instead of ground, subtract VOUT from VFLYBACK in the
equation above. The diode’s reverse breakdown voltage
rating must also accommodate any ringing due to leak-
age inductance. The diode’s current rating should be at
least twice the DC load current on the secondary output.
The optional linear postregulator must be selected to
deliver the required load current from the transformer’s
rectified DC output. The linear regulator should be con-
figured to run close to dropout to minimize power dissi-
pation and should have good output accuracy under
those conditions. Input and output capacitors are cho-
sen to meet line regulation, stability, and transient
requirements. There is a wide variety of linear regulators
appropriate for this application; consult the specific lin-
ear-regulator data sheet for details.
Widely different output loads affect load regulation. In
particular, when the secondary output is left unloaded
while the main output is fully loaded, the secondary out-
put capacitor may become overcharged by the leakage
inductance, reaching voltages much higher than intend-
ed. In this case, a minimum load or overvoltage protec-
L
VV
V
VI
LIR
N
VV
VV
PRIMARY
OUT
IN MAX
OUT
IN MAX
TOTAL
SEC
FWD
OUT MIN
RECT
=
׃ ×
×
=
+
+
(
()
()
()
IP
V
TOTAL
TOTAL
OUT
=
/
V
VV
s
s
VV
V
MIN
+=
+
()
µ×
µ
+−=
()
.
.
.
..
.
50 1
1
035
1
225
01
01
604
V
VV
s
s
VV
V
MIN
+=
+
()
µ×
µ
+−=
()
.
..
.
..
.
50 1
1
035
1 5
225
01
01
665


Similar Part No. - MAX8734A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8734 MAXIM-MAX8734 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8734EEI MAXIM-MAX8734EEI Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
More results

Similar Description - MAX8734A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com