Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8733AEEI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8733AEEI
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8733AEEI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8733AEEI Datasheet HTML 1Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 2Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 3Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 4Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 5Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 6Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 7Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 8Page - Maxim Integrated Products MAX8733AEEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1 and Figure 2, no load on LDO5, LDO3, OUT3, OUT5, and REF, V+ = 12V, ON3 = ON5 = VCC, V SHDN = 5V,
TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUT3, OUT5 Discharge-Mode
On-Resistance
12
40
OUT3, OUT5 Discharge-Mode
Synchronous Rectifier
Turn-On Level
0.2
0.3
0.4
V
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1 and Figure 2, no load on LDO5, LDO3, OUT3, OUT5, and REF, V+ = 12V, ON3 = ON5 = VCC, V SHDN = 5V,
TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAIN SMPS CONTROLLERS
LDO5 in regulation
6
24
V+ Input Voltage Range
V+ = LDO5, VOUT5 < 4.41V
4.5
5.5
V
3.3V Output Voltage in
Fixed Mode
V+ = 6V to 24V, FB3 = GND, V SKIP = 5V
3.27
3.39
V
V+ = 6V to 24V, FB5 = GND, V SKIP = 5V,
MAX8732A/MAX8734A (TON = VCC)
5V Output Voltage in Fixed Mode
V+ = 7V to 24V, FB5 = GND, V SKIP = 5V,
MAX8733A/MAX8734A (TON = GND)
4.95
5.15
V
Output Voltage in
Adjustable Mode
V+ = 6V to 24V, either SMPS
1.97
2.03
V
Output Voltage Adjust Range
Either SMPS
2.0
5.5
V
FB3, FB5 Adjustable-Mode
Threshold Voltage
Dual-Mode comparator
0.1
0.2
V
Current-Limit Threshold
(Positive, Default)
ILIM_ = VCC, GND - CS_ (MAX8732A/MAX8733A),
GND - LX_ (MAX8734A)
90
110
mV
VILIM_ = 0.5V
40
60
VILIM_ = 1V
90
110
Current-Limit Threshold
(Positive, Adjustable)
GND - CS_
(MAX8732A/MAX8733A),
GND - LX_ (MAX8734A)
VILIM_ = 2V
180
220
mV
VOUT5 = 5.05V
1.895
2.315
MAX8732A or MAX8734A
(VTON = 5V)
VOUT3 = 3.33V
0.833
1.017
VOUT5 = 5.05V
0.895
1.209
On-Time Pulse Width
MAX8733A or MAX8734A
(VTON = 0)
VOUT3 = 3.33V
0.475
0.635
µs
Minimum Off-Time
200
400
ns
INTERNAL REGULATOR AND REFERENCE
LDO5 Output Voltage
ON3 = ON5 = GND, 6V < V+ < 24V, 0 < ILDO5 < 100mA
4.90
5.10
V
LDO5 Undervoltage-Lockout
Fault Threshold
Falling edge of LDO5, hysteresis = 1%
3.7
4.3
V


Similar Part No. - MAX8733AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8733 MAXIM-MAX8733 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8733EEI MAXIM-MAX8733EEI Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
More results

Similar Description - MAX8733AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com