Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6932D1.8TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6932D1.8TR
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D1.8TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6932D1.8TR Datasheet HTML 3Page - STMicroelectronics L6932D1.8TR Datasheet HTML 4Page - STMicroelectronics L6932D1.8TR Datasheet HTML 5Page - STMicroelectronics L6932D1.8TR Datasheet HTML 6Page - STMicroelectronics L6932D1.8TR Datasheet HTML 7Page - STMicroelectronics L6932D1.8TR Datasheet HTML 8Page - STMicroelectronics L6932D1.8TR Datasheet HTML 9Page - STMicroelectronics L6932D1.8TR Datasheet HTML 10Page - STMicroelectronics L6932D1.8TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
L6932
Multilayer ceramic caps have the lowest ESR and can be required for particular applications. Nevertheless in
several applications they are ok, the loop stability issue has to be considered (see loop stability section).
Below a list of some suggested capacitor manufacturers.
Loop Stability
The stability of the loop is affected by the zero introduced by the output capacitor.
The time constant of the zero is given by:
This zero helps to increase the phase margin of the loop until the time constant is higher than some hundreds
of nsec, depending also on the output voltage and current.
So, using very low ESR ceramic capacitors could produce oscillations at the output, in particular when regulating
high output voltages (adjustable version).
To solve this issue is sufficient to add a small capacitor (e.g. 1nF to 10nF) in parallel to the high side resistor of
the external divider, as shown in figure 9.
Figure 9. Compensation Network
Thermal Considerations
Since the device is housed in a small SO(4+2+2) package the thermal issue can be the bottleneck of many ap-
plications. The power dissipated by the device is given by:
PDISS = (VIN - VOUT) · IOUT
Manufacturer
Type
Cap Value (
µF)
Rated Voltage (V)
PANASONIC
CERAMIC
1 to 47
4 to 16
TAYO YUDEN
CERAMIC
1 to 47
4 to 16
TDK
CERAMIC
1 to 47
4 to 16
TOKIN
CERAMIC
1 to 47
4 to 16
SANYO
POSCAP
1 to 47
4 to 16
PANASONIC
SP
1 to 47
4 to 16
KEMET
TANTALUM
1 to 47
4 to 16
TESR C
OUT
=
F
ZERO
1
2
π ESR C
OUT
--------------------------------------------
=
VOUT=1.2V TO 5V
UP to 2A
VIN=2V TO 14V
C1
OUT
1
3
7
5
6
4
8
2
L6932D1.2
GND
C2
IN
EN
ADJ
R1
R2
C3


Similar Part No. - L6932D1.8TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932D1.8TR STMICROELECTRONICS-L6932D1.8TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6932D1.8TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com