Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CV8 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 16CV8
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16CV8 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 16CV8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16CV8 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
04-02-004I
PEELTM 16CV8
Absolute Maximum Ratings
Operating Range
Symbol
Parameter
Conditions
Rating
Unit
VCC
Supply Voltage
Relative to Ground
-0.5 to + 6.0
V
VI, VO
Voltage Applied to Any Pin2
Relative to Ground1
-0.5 to VCC + 0.6
V
IO
Output Current
Per Pin (IOL, IOH)±25
mA
TST
Storage Temperature
-65 to +150
°C
TLT
Lead Temperature
Soldering 10 Seconds
+300
°C
Symbol
Parameter
Conditions
Min
Max
Unit
Vcc
Supply Voltage
Commercial
4.75
5.25
V
TA
Ambient Temperature
Commercial
0
+70
°C
TR
Clock Rise Time
See Note 3.
20
ns
TF
Clock Fall TIme
See Note 3.
20
ns
TRVCC
VCC Rise Time
See Note 3.
250
ms
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output HIGH Voltage - TTL
VCC = Min, IOH = -4.0 mA
2.4
V
VOHC
Output HIGH Voltage - CMOS
VCC = Min, IOH = -10 µA
VCC - 0.3
V
VOL
Output LOW Voltage - TTL
VCC = Min, IOL = 16mA
0.5
V
VOLC
Output LOW Voltage - CMOS
VCC = Min, IOL = 10 µA
0.15
V
VIH
Input HIGH level
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
-0.3
0.8
V
IIL
Input, I/O Leakage Current LOW
VCC = Max, VIN = GND, I/O = High Z
-10
µA
IIH
Input, I/O Leakage Current HIGH
VCC = Max, VIN = VCC, I/O = High Z
0 (Typical)
40
µA
ICC10
VCC Current, f=1MHz
VIN = 0V or VCC,
f = 25 MHz
All Outputs disabled4
-25
37
mA
CIN7
Input Capacitance
TA = 25°C, VCC = 5.0V
@ f = 1 MHz
6pF
COUT7
Output Capacitance
12
pF
D.C. Electrical Characteristics Over the operating range (Unless otherwise specified)
This device has been designed and tested for the specified operating
ranges. Proper operation outside of these levels is not guaranteed.
Exposure to absolute maximum ratings may cause permanent damage.


Similar Part No. - 16CV8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
16CV100BE SANYO-16CV100BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
logo
Linear Technology
16CV100GX LINER-16CV100GX Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sanyo Semicon Device
16CV10BE SANYO-16CV10BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
logo
Linear Technology
16CV220GX LINER-16CV220GX Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sanyo Semicon Device
16CV22BE SANYO-16CV22BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
More results

Similar Description - 16CV8

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com