Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C235A-30DC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C235A-30DC
Description  1K x 8 Registered PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C235A-30DC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C235A-30DC Datasheet HTML 1Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 2Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 3Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 4Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 5Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 6Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 7Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 8Page - Cypress Semiconductor CY7C235A-30DC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C235A
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
(Pin 24 to Pin 12 for DIP)
.................................. −0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.................................................... −0.5V to +7.0V
DC Input Voltage
.................................................−3.0V to +7.0V
DC Program Voltage (Pins 7, 18, 20 for DIP) ............... 13.0V
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
a
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
±10%
Industrial[1]
−40
°C to +85°C
5V
±10%
Military[2]
−55
°C to +125°C
5V
±10%
Electrical Characteristics Over Operating Range[3]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
VIN = VIH or VIL
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 16 mA
VIN = VIH or VIL
0.4
V
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All
Inputs[4]
2.0
V
VIL
Input LOW Level
Guaranteed Input Logical LOW Voltage for All
Inputs[4]
0.8
V
IIX
Input Leakage Current
GND < VIN < VCC
−10
+10
µA
VCD
Input Clamp Diode Voltage
Note 5
IOZ
Output Leakage Current
GND < VOUT < VCC Output Disabled
[4]
−10
+10
µA
IOS
Output Short Circuit Current
VCC = Max., VOUT = 0.0V
[6]
−20
−90
mA
ICC
Power Supply Current
IOUT = 0 mA,
VCC = Max.
Commercial
90
mA
Military
120
VPP
Programming Supply Voltage
12
13
V
IPP
Programming Supply Current
50
mA
VIHP
Input HIGH Programming Voltage
3.0
V
VILP
Input LOW Programming Voltage
0.4
V
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC =5.0V
10
pF
COUT
Output Capacitance
10
pF
Notes:
1.
Contact a Cypress representative for industrial temperature range specifications.
2.
TA is the “instant on” case temperature.
3.
See the last page of this specification for Group A subgroup testing information.
4.
For devices using the synchronous enable, the device must be clocked after applying these voltages to perform this measurement.
5.
See Introduction to CMOS PROMs in this Data Book for general information on testing.
6.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.


Similar Part No. - CY7C235A-30DC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A-30JC CYPRESS-CY7C235A-30JC Datasheet
211Kb / 10P
   1K x 8 Registered PROM
More results

Similar Description - CY7C235A-30DC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
   1K x 8 Registered PROM
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
   8K x 8 Registered PROM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com