Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2611AMFX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2611AMFX
Description  1.4MHz Cuk Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611AMFX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2611AMFX Datasheet HTML 6Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 7Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 8Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 9Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 10Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 11Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 12Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 13Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Circuits
5V to -5V Inverting Converter
20018117
Efficiency vs Load Current
20018158
20018160
FIGURE 9. The Maximum Output Current vs Output Voltage (Adjust R
FB2 to Set a Different Output Voltage) When The
Input Voltage is 5V
www.national.com
10


Similar Part No. - LM2611AMFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611AMFX NSC-LM2611AMFX Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611AMFX/NOPB TI1-LM2611AMFX/NOPB Datasheet
487Kb / 22P
[Old version datasheet]   Cuk Converter
More results

Similar Description - LM2611AMFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611 TI-LM2611_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2611 1.4MHz Cuk Converter
LM2611 TI1-LM2611 Datasheet
487Kb / 22P
[Old version datasheet]   Cuk Converter
logo
Monolithic Power System...
MP3209 MPS-MP3209 Datasheet
397Kb / 11P
   1.4MHz, 350mA Boost Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com