Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2619ATL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619ATL
Description  500mA Sub-Miniature Step-Down DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619ATL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2619ATL Datasheet HTML 1Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 2Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 3Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 4Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 5Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 6Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 7Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 8Page - National Semiconductor (TI) LM2619ATL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics LM2619ATL, Circuit of Figure 3,V
IN = 3.6V, TA = 25˚C, un-
less otherwise noted.
Quiescent Supply Current vs Supply Voltage
Shutdown Quiescent Current vs Temperature
(Circuit in Figure 3)
20057408
20057422
Output Voltage vs Supply Voltage
(V
OUT = 1.5V, PWM MODE)
Output Voltage vs Supply Voltage
(V
OUT = 1.5V, PFM MODE)
20057409
20057410
Output Voltage vs Output Current
(V
OUT = 1.5V, PWM MODE)
Output Voltage vs Output Current
(V
OUT = 1.5V, PFM MODE)
20057411
20057413
www.national.com
5


Similar Part No. - LM2619ATL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619ATL NSC-LM2619ATL Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM2619ATL/NOPB TI1-LM2619ATL/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   500-mA Sub-Miniature Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619ATLX NSC-LM2619ATLX Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM2619ATL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Texas Instruments
LM2619 TI1-LM2619_15 Datasheet
1Mb / 21P
[Old version datasheet]   500-mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
HY-LINE Power Component...
P78A1R5 HY-LINE-P78A1R5 Datasheet
327Kb / 2P
   500mA DC-DC Step Down Converter P78A-Series
Rev: 4.08 f
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com