Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128N-10SJ-1.8 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C128N-10SJ-1.8
Description  2-wire Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128N-10SJ-1.8 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C128N-10SJ-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 10Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 11Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 12Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 13Page - ATMEL Corporation AT24C128N-10SJ-1.8 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
AT24C128/256
0670K–SEEPR–7/03
Read
Operations
Read operations are initiated the same way as write operations with the exception that the
read/write select bit in the device address word is set to one. There are three read operations:
current address read, random address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last
address accessed during the last read or write operation, incremented by one. This address
stays valid between operations as long as the chip power is maintained. The address “roll
over” during read is from the last byte of the last memory page, to the first byte of the first
page.
Once the device address with the read/write select bit set to one is clocked in and acknowl-
edged by the EEPROM, the current address data word is serially clocked out. The
microcontroller does not respond with an input zero but does generate a following stop condi-
tion (refer to Figure 4).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data
word address. Once the device address word and data word address are clocked in and
acknowledged by the EEPROM, the microcontroller must generate another start condition.
The microcontroller now initiates a current address read by sending a device address with the
read/write select bit high. The EEPROM acknowledges the device address and serially clocks
out the data word. The microcontroller does not respond with a zero but does generate a fol-
lowing stop condition (refer to Figure 5).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a ran-
dom address read. After the microcontroller receives a data word, it responds with an
acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment
the data word address and serially clock out sequential data words. When the memory
address limit is reached, the data word address will “roll over” and the sequential read will con-
tinue. The sequential read operation is terminated when the microcontroller does not respond
with a zero but does generate a following stop condition (refer to Figure 6).
Figure 1. Device Address
Figure 2. Byte Write


Similar Part No. - AT24C128N-10SJ-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128N-10SC ATMEL-AT24C128N-10SC Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128N-10SC-1.8 ATMEL-AT24C128N-10SC-1.8 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128N-10SC-2.7 ATMEL-AT24C128N-10SC-2.7 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128N-10SI ATMEL-AT24C128N-10SI Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128N-10SI-1.8 ATMEL-AT24C128N-10SI-1.8 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
More results

Similar Description - AT24C128N-10SJ-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com