Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54000IRTZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54000IRTZ
Description  Integrated Audio Amplifier Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54000IRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54000IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6458.2
October 17, 2007
Crosstalk
RCH to LCH, LCH to RCH
RL = 8Ω, POUT = 800mW, f = 1kHz, Signal coupled
from the input of active amplifier to the output of an
adjacent amplifier with its input AC coupled to ground.
25
-
80
-
dB
Off-Isolation
SD = VINH, POUT = 800mW, f = 10kHz, Signal
coupled from input to output of a disabled amplifier.
25
-
130
-
dB
Channel Gain Matching
RCH to LCH
RL = 8Ω, VINxR = VINxL = 3.88VP-P (Connect to the
same source)
25
-
+-0.1
-
dB
Channel Phase Matching
RCH to LCH
RL = 8Ω, VINxR = VINxL = 3.88VP-P (Connect to the
same source)
25
-
0.01
-
°
LOGIC INPUT
Input Leakage Current, ISD, IINS,
IMIX
VDD = 5V, SD = 0V, INS = 0V, MIX = 0V
25
-3
1.9
3
µA
Full
-
1.9
-
µA
Input Leakage Current, ISD, IINS,
IMIX
VDD = 5V, SD = VDD, INS = VDD, MIX = VDD
25
-1
0.02
-1
µA
Full
-
0.02
-
µA
VINH
Full
2.4
-
-
V
VINL
Full
-
-
0.8
V
Electrical Specifications - 3.6V Supply Test Conditions: V
DD = +3.6V, GND = 0V, VINH = 1.4V. VINL = 0.4V, SD = MIX = INS = GSO =
GS1 = VINL, CREF = 1µF. RL is terminated between OUT_+ and OUT_ -, Unless Otherwise
Specified (Note 3).
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 5)
TYP
MAX
(Notes 4, 5) UNITS
GENERAL
Quiescent Supply Current, IDD
INS = 0V or VDD, MIX = 0V or VDD, RL = None, Input
AC coupled to ground (0.1µF)
25
-
2.7
12
mA
Full
-
3
-
mA
Shutdown Supply Current, ISD
INS = 0V or VDD, MIX = 0V or VDD, RL = 8Ω (BTL),
Input AC coupled to ground (0.1µF)
25
-
13
50
µA
Full
-
15
-
µA
BTL AMPLIFIER DRIVER, HD = VINH, HO = VINH, UNLESS OTHERWISE SPECIFIED
Output Offset Voltage, VOS
Measured between OUT_+ and OUT_-, Input AC
coupled to ground (0.1µF)
25
-
25
-
mV
Full
-
40
-
mV
Power Supply Rejection Ratio, PSRR VRIPPLE = 200mVP-P, RL = 8Ω,
Input AC coupled to ground
(0.1µF)
FRIPPLE = 217Hz
25
-
49
-
dB
FRIPPLE = 1kHz
25
-
47
-
dB
Output Power, POUT
RL = 8Ω, THD + N = 1%, f = 1kHz
25
-
310
-
mW
RL = 8Ω, THD + N = 10%, f = 1kHz
25
-
528
-
mW
Total Harmonic Distortion + Noise,
THD + N
RL = 8Ω, POUT = 200mW, f = 1kHz
25
-
0.4
-
%
RL = 8Ω, POUT = 200mW, f = 20Hz to 20kHz
25
-
0.4
-
%
Max Output Voltage Swing, VOUT
RL = 8Ω, VSIGNAL = 3.6VP-P, f = 1kHz
25
-
5.8
-
VP-P
LOGIC INPUT
Input Leakage Current, ISD, IINS, IMIX VDD = 5V, SD = 0V, INS = 0V, MIX = 0V
25
-3
1.9
3
µA
Full
-
1.9
-
µA
Electrical Specifications - 5V Supply
Test Conditions: VDD = +5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, SD = MIX = INS = VINL,
CREF = 1µF, RL is terminated between OUT_+ and OUT_ -, Unless Otherwise Specified
(Note 3). (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 5)
TYP
MAX
(Notes 4, 5) UNITS
ISL54000, ISL54001, ISL54002


Similar Part No. - ISL54000IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54000IRTZ RENESAS-ISL54000IRTZ Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
More results

Similar Description - ISL54000IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
   Integrated Audio Amplifier Systems
logo
Intersil Corporation
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
   Integrated Audio Amplifier Systems
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
   Integrated Audio Amplifier Systems
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
[Old version datasheet]   Integrated Audio Amplifier System
logo
National Semiconductor ...
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
   Integrated Audio Amplifier System
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
   Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com