Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54206AIRTZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54206AIRTZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AIRTZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54206AIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL54206A
10
FN6515.2
September 30, 2010
and audio playback are intended to be mutually exclusive
operations.
Audio Switches
The two audio switches (L, R) are 3Ω switches that can
pass signals that swing below ground by as much as
1.5V. They were designed to pass ground reference
stereo signals with minimal insertion loss and very low
distortion. Crosstalk between the audio switches over the
audio band is < -110dB.
Over a signal range of ±1V (0.707VRMS) with VDD
>2.7V, these switches have an extremely low RON
resistance variation. They can pass ground referenced
audio signals with very low distortion (<0.06% THD+N)
when delivering 15.6mW into a 32Ω headphone speaker
load. See Figures 8, Figures 9, Figures 10, and
Figures 11 THD+N performance curves.
These switches are uni-directional switches. The audio
drivers should be connected at the L and R side of the
switch (pin 7 and pin 8) and the speaker loads should be
connected at the COM side of the switch (pin 3 and
pin 4).
The audio switches are active (turned ON) whenever the
IN voltage is 0.5V and the CTRL voltage to 1.4V.
Note: Whenever the audio switches are ON, the USB
transceivers need to be in the high impedance state or
static high or low state.
USB Switches
The two USB switches (D+, D-) are bidirectional switches
that can pass rail-to-rail signals. When powered with a
3.6V supply, these switches have a nominal rON of 4.6Ω
over the signal range of 0V to 400mV with a rON flatness
of 0.4Ω. The rON matching between the D+ and D-
switches over this signal range is only 0.06Ω ensuring
minimal impact by the switches to USB high speed signal
transitions. As the signal level increases, the rON
resistance increases. At signal level of 3.3V the switch
resistance is nominally 23Ω.
The USB switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals typically in
the range of 0V to 400mV. They have low capacitance
and high bandwidth to pass the USB high-speed signals
with minimum edge and phase distortion to meet USB
2.0 high speed signal quality specifications. See
high-speed eye diagram Figure 15.
The USB switches can also pass USB full-speed signals
(12Mbps) with minimal distortion and meet all the USB
requirements for USB 2.0 full-speed signaling. See the
full-speed eye diagrams, Figures 12 thru 14.
The maximum signal range for the USB switches is from
-1.5V to VDD. The signal voltage at D- and D+ should not
be allowed to exceed the VDD voltage rail or go below
ground by more than -1.5V.
The USB switches are active (turned ON) whenever the
IN voltage is 1.4V.
Note: Whenever the USB switches are ON, the audio
drivers of the CODEC need to be at AC or DC ground or
floating to keep from interfering with the data
transmission.
USB Switch Cell Off-Isolation
Due to the unique internal architecture of the
ISL54206A part, the USB switch cell has limited off-
isolation to a negative signal at the COM side of the
part.
When driving an audio signal into the L and R inputs a
small negative voltage will appear at the D- and D+
lines as the audio signal transitions below ground. With
a USB transceiver connected at the D-/D+ pins and
with a 32W headphone connected at the COM pins
Table 1 shows the negative voltage generated at the
D-/D+ lines as you increase the audio amplitude
across the headphone load.
The USB specification (USB Specification Rev 2.0,
Chapter 7, Section 7.1.1) states that a USB transceiver
must be able to tolerate a -1V signal at its D-/D+
differential inputs. The data in the table shows that the
-1V level is never exceeded during audio operation and
should have no impact on the long-term reliability of
the USB transceiver.
ISL54206A Operation
The following discussion discusses using the ISL54206A
in the typical application shown in the block diagrams
on page 9.
VDD SUPPLY
The DC power supply connected at VDD (pin 1) provides
the required bias voltage for proper switch operation.
The part can operate with a supply voltage in the range
of 2.5V to 5.5V.
In a typical USB/Audio application for portable battery
powered devices, the VDD voltage will come from a
battery or an LDO and be in the range of 2.7V to 3.6V.
For best possible USB full-speed operation (12Mbps), it is
recommended that the VDD voltage be ≥2.5V in order to
get a USB data signal level above 2.5V.
TABLE 1.
AUDIO SIGNAL
AMPLITUDE
D-/D+ VOLTAGE (V)
+25°C
+85°C
800mVP-P
-0.22
-0.27
880mVP-P
-0.24
-0.3
1.08VP-P
-0.3
-0.34
2VP-P
-0.41
-0.44
2.25VP-P
-0.47
-0.5
4VP-P
-0.83
-0.85


Similar Part No. - ISL54206AIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AIRTZ-T RENESAS-ISL54206AIRTZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54206AIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com