Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54212IRTZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL54212IRTZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54212IRTZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54212IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6556.0
September 18, 2007
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Input Voltages
D+, D-, L, R (Note 2) . . . . . . . . . . . . . . . . . - 2V to ((VDD) + 0.3V)
IN (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
CTRL (Note 2) . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages
COM-, COM+ (Note 2) . . . . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current (Audio Switches) . . . . . . . . . . . . . . . . . ±150mA
Peak Current (Audio Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±300mA
Continuous Current (USB Switches). . . . . . . . . . . . . . . . . . . ±40mA
Peak Current (USB Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Rating:
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >7kV
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >400V
CDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1.4kV
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
10 Ld
μTQFN Package . . . . . . . . . . . . . . . . . . . . . . .
130
10 Ld 3x3 TDFN Package . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free reflow profile. . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
2. Signals on D+, D-, L, R, COM-, COM+, CTRL, IN exceeding VDD or GND by specified amount are clamped. Limit current to maximum current
ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VCTRLH = 1.4V,
VCTRLL = 0.5V, (Note 4), unless otherwise specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 8)
TYP
MAX
(Notes 5, 8) UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R)
Analog Signal Range, VANALOG
VDD = 3.0V, IN = 1.4V, CTRL = 1.4V
Full
-1.5
-
1.5
V
ON Resistance, RON
VDD = 5.0V, IN = CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.47
-
Ω
ON Resistance, RON
VDD = 4.2V, IN = CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.50
-
Ω
ON Resistance, RON
VDD = 2.85V, IN = CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.87
-
Ω
ON Resistance, RON
VDD = 3.0V, IN = 1.4V, CTRL = 1.4V, ICOMx =40mA,
VL or VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.65
4.0
Ω
Full
-
-
5.5
Ω
RON Matching Between Channels,
ΔRON
VDD = 3.0V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA,
VL or VR = Voltage at max RON over signal range of
-0.85V to 0.85V, (Note 7)
25
-
0.02
0.33
Ω
Full
-
-
0.39
Ω
RON Flatness, RFLAT(ON)
VDD = 3.0V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA,
VL or VR = -0.85V to 0.85V, (Note 6)
25
-
0.04
0.07
Ω
Full
-
-
0.09
Ω
Discharge Pull-Down Resistance,
RL, RR
VDD = 3.6V, IN = CTRL = 3.6V, VCOM- or
VCOM+ = -0.85V, 0.85V, VL or VR = -0.85V, 0.85V,
VD+ and VD- = floating, Measure current through the
discharge pull-down resistor and calculate resistance
value.
25
-
50
-
k
Ω
USB Switches (D+, D-)
Analog Signal Range, VANALOG
VDD = 3.6V, IN = 0.5V, CTRL = 1.4V
Full
0
-
VDD
V
ON Resistance, RON
VDD = 5.0V, IN = 0V, CTRL = VDD, ICOMx = 1mA,
VD+ or VD- = 5V (See Figure 4)
+25
-
17.7
-
Ω
ON Resistance, RON
VDD = 4.2V, IN = 0V, CTRL = VDD, ICOMx = 1mA,
VD+ or VD- = 4.2V (See Figure 4)
+25
-
19.5
-
Ω
ISL54212


Similar Part No. - ISL54212IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54212IRTZ-T RENESAS-ISL54212IRTZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54212IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com