Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54212IRTZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54212IRTZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54212IRTZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54212IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6556.0
ISL54212
MP3/USB 2.0 High Speed Switch with
Negative Signal Handling
The Intersil ISL54212 dual SPDT (Single Pole/Double
Throw) switches combine low distortion audio and accurate
USB 2.0 high speed data (480Mbps) signal switching in the
same low voltage device. When operated with a 2.5V to 5.5V
single supply these analog switches allow audio signal
swings below-ground, allowing the use of a common USB
and audio headphone connector in Personal Media Players
and other portable battery powered devices.
The ISL54212 logic control pins are 1.8V compatible which
allows for control via a standard µcontroller. The part has an
audio enable control pin to open all the switches and put the
part in a low power state.
The ISL54212 is available in a small 10 Ld 2.1mmx1.6mm
ultra-thin µTQFN package and a 10 Ld 3mmx3mm TDFN
package. It operates over a temperature range of -40 to
+85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• High Speed (480Mbps) and Full Speed (12Mbps)
Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability
• Control Pin to Open all Switches and Enter Low Power
State
• Low Distortion Headphone Audio Signals
- THD+N at 15mW into 32
Ω Load . . . . . . . . . . . . <0.06%
• Cross-talk Audio Channels (20Hz to 20kHz) . . . . . -110dB
• Single Supply Operation (VDD) . . . . . . . . . . . . 2.5V to 5.5V
• -3dB Bandwidth USB Switches . . . . . . . . . . . . . . . 630MHz
• Available in µTQFN and TDFN Packages
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
Applications
• MP3 and Other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Audio/USB Switching
Application Block Diagram
ISL54212
USB
TRANSCEIVER
HIGH-SPEED
CODEC
COM-
COM+
IN
GND
D-
D+
L
R
VDD
CTRL
µCONTROLLER
4M
Ω
50k
Ω
50k
Ω
VBUS
LOGIC CIRCUITRY
Data Sheet
September 18, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL54212IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54212IRTZ-T RENESAS-ISL54212IRTZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54212IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com