Part Name
         Description
LM3488_05

 High Efficiency Low-Side N-Channel Controller for Switching Regulators ( 24 Page)


NSC
100% 
Zoom Out Zoom In
 
 1 page
background image
LM3488
High Efficiency Low-Side N-Channel Controller for
Switching Regulators
General Description
The LM3488 is a versatile Low-Side N-FET high perfor-
mance controller for switching regulators. It is suitable for
use in topologies requiring low side FET, such as boost,
flyback, SEPIC, etc. Moreover, the LM3488 can be operated
at extremely high switching frequency in order to reduce the
overall solution size. The switching frequency of LM3488 can
be adjusted to any value between 100kHz and 1MHz by
using a single external resistor or by synchronizing it to an
external clock. Current mode control provides superior band-
width and transient response, besides cycle-by-cycle current
limiting. Output current can be programmed with a single
external resistor.
The LM3488 has built in features such as thermal shutdown,
short-circuit protection and over voltage protection. Power
saving shutdown mode reduces the total supply current to
5µA and allows power supply sequencing. Internal soft-start
limits the inrush current at start-up.
Key Specifications
n
Wide supply voltage range of 2.97V to 40V
n
100kHz to 1MHz Adjustable and Synchronizable clock
frequency
n ±
1.5% (over temperature) internal reference
n
5µA shutdown current (over temperature)
Features
n
8-lead Mini-SO8 (MSOP-8) package
n
Internal push-pull driver with 1A peak current capability
n
Current limit and thermal shutdown
n
Frequency compensation optimized with a capacitor and
a resistor
n
Internal softstart
n
Current Mode Operation
n
Undervoltage Lockout with hysteresis
Applications
n
Distributed Power Systems
n
Notebook, PDA, Digital Camera, and other Portable
Applications
n
Offline Power Supplies
n
Set-Top Boxes
Typical Application Circuit
10138844
Typical SEPIC Converter
May 2005
© 2005 National Semiconductor Corporation
DS101388
www.national.com
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3481High Efficiency Low-Side N-Channel Controller for Switching Regulators Coming SoonNational Semiconductor
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
NCP4331Synchronous Buck Controller for High Efficiency Post Regulation 1 2 3 4 5 MoreON Semiconductor
LTC1142_00Dual High Efficiency Synchronous Step-Down Switching Regulators 1 2 3 4 5 MoreLinear Technology
LTC1148_04High Efficiency Synchronous Step-Down Switching Regulators 1 2 3 4 5 MoreLinear Technology
LTC1159_01High Efficiency Synchronous Step-Down Switching Regulators 1 2 3 4 5 MoreLinear Technology
LTC38192-Phase High Efficiency Step-Down Controller for Sun Server CPUs 1 2 3 4 5 MoreLinear Technology
LTC1267_02Dual High Efficiency Synchronous Step-Down Switching Regulators 1 Linear Technology
AAT3141High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
MBT35200MT1_05High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl