Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-11-155-D-SSC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T-11-155-D-SSC
Description  155Mbps PIN-TIA Receiver Modules-ROSA(5V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T-11-155-D-SSC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T-11-155-D-SSC Datasheet HTML 1Page - List of Unclassifed Manufacturers T-11-155-D-SSC Datasheet HTML 2Page - List of Unclassifed Manufacturers T-11-155-D-SSC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-155-D-SXX
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Detection Range
1100
1310
1650
nm
-
Gain @ 10 Mbps Differential
G
0.17
-
220
V/mW
λ=1310nm
Bandwidth
BW
120
140
-
MHz
Saturation Power
Psat
-3
0
-
dBm
λ=1310nm
Sensitivity
Sens
-
-38
-36
dBm
BER=10-10@155Mbps
Output Resistance
Rout
-
50
65
ohm
AC/Optical and Electrical Characteristics( Tc=25ºC )
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single +5V operation
• -40 to 85ºC operating temperature
• SC/LC/MU ROSA package
• ATM 155Mbps receiver/transceiver application
• Fast Ethernet receiver/transceiver application
Parameter
Symbol
Value
Unit
Supply Voltage
V
CC
6
V
Operating Temperature
T
opr
-40 to +85
ºC
Storage Temperature
T
stg
-40 to +85
ºC
Absolute Maximum Rating (Tc=25ºC )
Model
Package
Fiber
Connector
T-11-155-D-SSC
ROSA
-
SC
T-11-155-D-SLC
ROSA
-
LC
T-11-155-D-SMU
ROSA
-
MU
Connector Options
Operating at : V
CC= 5V, Tc=25ºC, RL=3000Ω,λ=1310nm, 9/125µm SM fiber)
Parameter
Symbol
Min
Typical
Max
Unit
Power Supply
V
CC
4.5
5.0
5.5
V
Differential Output Voltage
Vd
-
1
-
V
Supply Current (no load)
I
CC
-
-
35
mA
DC Electrical Characteristics( Tc=25ºC )


Similar Part No. - T-11-155-D-SSC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
More results

Similar Description - T-11-155-D-SSC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-155-D3-SSC SOURCE-T-11-155-D3-SSC Datasheet
702Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(3.3V)
T-11-622-D-SSC SOURCE-T-11-622-D-SSC Datasheet
490Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-1250-D-SSC SOURCE-T-11-1250-D-SSC Datasheet
387Kb / 3P
   1.25Gbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-2315T-08 SOURCE-T-11-2315T-08 Datasheet
157Kb / 4P
   155Mbps PIN-TIA Receiver modules
T-11-2315C-02 SOURCE-T-11-2315C-02 Datasheet
567Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-1250-D3-SSC SOURCE-T-11-1250-D3-SSC Datasheet
366Kb / 3P
   1.25Gbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-2500-D3-SSC SOURCE-T-11-2500-D3-SSC Datasheet
717Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules-ROSA(3.3V)
T-11-155-R3-SFC-AGC SOURCE-T-11-155-R3-SFC-AGC Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com