Selected language     English  ▼


T-11-155-D-SMU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. T-11-155-D-SMU
Description  155Mbps PIN-TIA Receiver Modules-ROSA(5V)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
1
155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-155-D-SXX
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Detection Range
1100
1310
1650
nm
-
Gain @ 10 Mbps Differential
G
0.17
-
220
V/mW
λ=1310nm
Bandwidth
BW
120
140
-
MHz
Saturation Power
Psat
-3
0
-
dBm
λ=1310nm
Sensitivity
Sens
-
-38
-36
dBm
BER=10-10@155Mbps
Output Resistance
Rout
-
50
65
ohm
AC/Optical and Electrical Characteristics( Tc=25ºC )
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single +5V operation
• -40 to 85ºC operating temperature
• SC/LC/MU ROSA package
• ATM 155Mbps receiver/transceiver application
• Fast Ethernet receiver/transceiver application
Parameter
Symbol
Value
Unit
Supply Voltage
V
CC
6
V
Operating Temperature
T
opr
-40 to +85
ºC
Storage Temperature
T
stg
-40 to +85
ºC
Absolute Maximum Rating (Tc=25ºC )
Model
Package
Fiber
Connector
T-11-155-D-SSC
ROSA
-
SC
T-11-155-D-SLC
ROSA
-
LC
T-11-155-D-SMU
ROSA
-
MU
Connector Options
Operating at : V
CC= 5V, Tc=25ºC, RL=3000Ω,λ=1310nm, 9/125µm SM fiber)
Parameter
Symbol
Min
Typical
Max
Unit
Power Supply
V
CC
4.5
5.0
5.5
V
Differential Output Voltage
Vd
-
1
-
V
Supply Current (no load)
I
CC
-
-
35
mA
DC Electrical Characteristics( Tc=25ºC )




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT-33005V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL 1 2 Optoway Technology Inc
PT-531303.3V / 1.55 μm / 155 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-35005V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
PT-551303.3V / 1.55 μm / 622 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-35303.3V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
PT-571303.3V / 1.55 μm / 1.25 Gbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-51303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-53303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL 1 2 Optoway Technology Inc
PT-55303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
PT-73303.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL 1 2 3 4 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl