Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY263PTL Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TNY263PTL
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY263PTL Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TNY263PTL Datasheet HTML 5Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 6Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 7Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 8Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 9Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 10Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 11Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 12Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
TNY263-268
E
4/04
C1
0.01 µF
1 kV
140-375
VDC
INPUT
L1
10 µH
2 A
R5
680 Ω
R6
59 Ω
1%
D3
1N5822
U1
TNY266P
C5
2.2 nF
1 kV
D1
1N4005GP
U2
TLP181Y
VR1
BZX79B3V9
5
4
2
1
10
8
TinySwitch-II
D
S
BP
+5 V
2 A
RTN
C2
82 µF
35 V
C8
470 µF
10 V
PI-2713-121703
C4
1 nF Y1
D2
1N4148
EN
+12 VDC
20 mA
0 V
C3
0.1 µF
50 V
R4
10 kΩ
C6
1000 µF
10 V
R2
1 MΩ
R3
1 MΩ
R1
200 kΩ
T1
PERFORMANCE SUMMARY
Continuous Output Power:
10.24 W
Efficiency:
≥ 75%
Figure 16. 15 W Standby Supply.
C1
0.01 µF
1 kV
140-375
VDC
INPUT
L1
10 µH
3 A
R5
680 Ω
D3
SB540
U1
TNY267P
C5
2.2 nF
1 kV
D1
1N4005GP
U2
TLP181Y
PERFORMANCE SUMMARY
Continuous Output Power:
15.24 W
Efficiency:
≥ 78%
5
4
2
1
10
8
TinySwitch-II
D
S
BP
+5 V
3 A
RTN
C2
82 µF
35 V
C8
470 µF
10 V
PI-2712-121703
C4
1 nF Y1
D2
1N4148
EN
+12 VDC
20 mA
0 V
C3
0.1 µF
50 V
R4
10 kΩ
C7
1000 µF
10 V
C6
1000 µF
10 V
R2
1 MΩ
R3
1 MΩ
R1
100 kΩ
T1
R6
59 Ω
1%
VR1
BZX79B3V9
Figure 15. 10 W Standby Supply.


Similar Part No. - TNY263PTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PTL POWERINT-TNY263PTL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY263PTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com