Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3551 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3551 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3551_06 Datasheet HTML 6Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 7Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 8Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 9Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 10Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 11Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 12Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 13Page - National Semiconductor (TI) LM3551_06 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Circuit Description (Continued)
voltage drops to 10.6V(typ), switching will resume. The
LM3551 and LM3552 will go back into OVP if the failure is
still present resulting in a pulsed output condition.
Note: To disable OVP, ground to OVP pin. CAUTION: The LM3551 and
LM3552 may be damaged if an OVP condition occurs and OVP is
disabled.
Under-Voltage Protection (UVP)
Both the LM3551 and LM3552 have under-voltage protec-
tion circuitry (UVP). This protects the NMOS power device
during startup and shutdown by preventing operation at
voltages less than the minimum input voltage. The UVP
protection is enabled at 2.48V(typ.) and will not disable until
the input voltage rises above 2.58V(typ.) .
Torch/Flash Pin (T/F)
The
TORCH/FLASH
pin
(T/F)
controls
whether
the
LM3551/2 is in continuous torch mode, or in flash mode. A
logic ’0’ places the part into torch mode and a logic ’1’ places
the part into flash mode. There are no pull-ups or pull-downs
internally connected to T/F. When placed into torch mode,
FET-T is enabled allowing the current set by R
T to flow. In
torch mode, FET-F is not enabled. Flash mode enables both
FET-T and FET-F allowing the sum total of the current set by
the two external resistors, R
T and RF, to flow.
Flash Timeout Protection (FTP)
When SD is low(LM3551) or EN is high(LM3552), and T/F is
high, a current is output to an external capacitor, C
FTO. This
causes the voltage on the capacitor to rise. If the voltage
reaches Vtrip (1.16V(typ)), the timeout circuit forces the
INTERNAL_EN signal to go low, which in turn shuts-off the
low-side torch and flash FETs in addition to disabling the
main power SW FET. At such time, the LED will be turned off.
The part will remain disabled until SD is pulled high
(LM3551) or EN is pulled low (LM3552) and/or T/F is pulled
low. At that point, the part will return to normal operating
mode. The diagram below shows a first pulse which exceeds
the timeout period and internal_EN being driven low. The
second FLASH pulse is shorter than the timeout period and
therefore the voltage on C
FTO never reaches Vtrip. For in-
formation on component selection, please see the FLASH
TIMEOUT EQUATIONS below.
20151204
Flash Timeout Protection Diagram
T
FTO =CFTO x(
∆V
FTO ÷IFTO)
∆V
FTO = 1.16V and IFTO= 1.4µA
T
FTO = Desired Timeout Duration
C
FTO(µF) = TFTO(sec.) x 1.21(µA/V)
To disable the timeout function, ground the FTO pin.
Soft-Start
The LM3551 and LM3552 have a soft-start pin that can be
used to limit the inductor inrush current on start-up. The
external SS pin is used to tailor the soft-start for a specific
application but is not required for all applications and can be
left open when not needed. When used, a current source
charges the external soft-start capacitor, C
SS, forcing the
internal reference to ramp-up at a user determined rate.
Typical Start-Up Times
V
IN = 3.6V, TA = +25˚C
C
SS (µF)
Load (mA)
Start-Up Time
(msec.)
0.1
Sharp LED @ 75mA Torch
3
Sharp LED @ 250mA
Flash
8
Lumiled LED @ 200mA
Torch
1.6
Lumiled LED @ 700mA
Flash
6
0.47
Sharp LED @ 75mA Torch
12
Sharp LED @ 250mA
Flash
35
Lumiled LED @ 200mA
Torch
6
Lumiled LED @ 700mA
Flash
35
1.0
Sharp LED @ 75mA Torch
25
Sharp LED @ 250mA
Flash
75
Lumiled LED @ 200mA
Torch
30
Lumiled LED @ 700mA
Flash
70
Application Information
LM3551 AND LM3552 FUNCTIONALITY TRUTH TABLE
SD (LM3551)
or
EN (LM3552)
T/F
LM3551 Result LM3552 Result
1
0
Shut-down
Torch Mode
1
1
Shut-down
Flash Mode
0
0
Torch Mode
Shut-down
0
1
Flash Mode
Shut-down
The LM3551 has a 1.2M
Ω pull-up to V
IN on SD and the
LM3552 has a 1.2M
Ω pull-down to GND on EN.
CURRENT SET EQUATIONS
The LM3551/2 utilize inline resistors to set the Torch and
Flash LED currents. The Torch-Mode current (continuous)
and the Flash-Mode current (pulsed) are programmed by
placing the appropriately selected resistors between the
feedback pin (FB) and FET-T (torch FET) and FET-F (flash
FET) pins. Torch-mode is set by utilizes the current through
www.national.com
10


Similar Part No. - LM3551_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3551SD NSC-LM3551SD Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551SD/NOPB TI1-LM3551SD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3551SDX NSC-LM3551SDX Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551_14 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
More results

Similar Description - LM3551_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3551 TI1-LM3551_14 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com