Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA547T Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA547T
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA547T Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA547T Datasheet HTML 4Page - Burr-Brown (TI) OPA547T Datasheet HTML 5Page - Burr-Brown (TI) OPA547T Datasheet HTML 6Page - Burr-Brown (TI) OPA547T Datasheet HTML 7Page - Burr-Brown (TI) OPA547T Datasheet HTML 8Page - Burr-Brown (TI) OPA547T Datasheet HTML 9Page - Burr-Brown (TI) OPA547T Datasheet HTML 10Page - Burr-Brown (TI) OPA547T Datasheet HTML 11Page - Burr-Brown (TI) OPA547T Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OPA547
8
SBOS056A
www.ti.com
APPLICATIONS INFORMATION
Figure 1 shows the OPA547 connected as a basic non-
inverting amplifier. The OPA547 can be used in virtually
any op amp configuration.
Power supply terminals should be bypassed with low series
impedance capacitors. The technique shown, using a ce-
ramic and tantalum type in parallel is recommended. Power
supply wiring should have low series impedance.
G = 1+
R
2
R
1
Z
L
E/S
3
7
5
2
1
6
R
2
I
LIM
(1)
R
1
0.1µF(2)
10µF
OPA547
V–
V+
+
+
V
IN
10µF
0.1µF(2)
V
O
NOTE: (1) I
LIM connected to V– gives the maximum current
limit, 750mA (peak). (2) Connect 0.1µF capacitors directly
to package power supply pins.
With the OPA547, the simplest method for adjusting the
current limit uses a resistor or potentiometer connected
between the ILIM pin and V– according to the equation:
The low level control signal (0 to 150
µA) also allows the
current limit to be digitally controlled with a current-out or
voltage-out DAC reference to V– according to the equations
given in Figure 3.
Figure 3 shows a simplified schematic of the internal cir-
cuitry used to set the current limit. Leaving the ILIM pin open
programs the output current to zero, while connecting ILIM
directly to V– programs the maximum output current limit,
typically 750mA.
SAFE OPERATING AREA
Stress on the output transistors is determined both by the
output current and by the output voltage across the conduct-
ing output transistor, VS – VO. The power dissipated by the
output transistor is equal to the product of the output current
and the voltage across the conducting transistor, VS – VO.
The Safe Operating Area (SOA curve, Figure 2) shows the
permissible range of voltage and current.
R
CL =
(5000)(4. 75)
I
LIM
–31. 6k
FIGURE 1. Basic Circuit Connections.
POWER SUPPLIES
The OPA547 operates from single (+8V to +60V) or dual
(
±4V to ±30V) supplies with excellent performance. Most
behavior remains unchanged throughout the full operating
voltage range. Parameters which vary significantly with
operating voltage are shown in the typical characteristics
curves.
Some applications do not require equal positive and negative
output voltage swing. Power supply voltages do not need to
be equal. The OPA547 can operate with as little as 8V
between the supplies and with up to 60V between the
supplies. For example, the positive supply could be set to
55V with the negative supply at –5V, or vice-versa.
ADJUSTABLE CURRENT LIMIT
The OPA547 features an accurate, user-selected current
limit. Current limit is set from 0 to 750mA by controlling the
input to the ILIM pin. Unlike other designs which use a power
resistor in series with the output current path, the OPA547
senses the load indirectly. This allows the current limit to be
set with a 0 to 150
µA control signal. In contrast, other
designs require a limiting resistor to handle the full output
current (750mA in this case).
12
5
10
V
S – VO (V)
20
50
100
SAFE OPERATING AREA
1k
100
10
Current-Limited
T
C = 25°C
T
C = 125°C
T
C = 85°C
Output current may
be limited to less
than 500mA—see text.
Pulse Operation Only (<50% Duty-Cycle)
FIGURE 2. Safe Operating Area.
The safe output current decreases as VS – VO increases. Out-
put short-circuits are a very demanding case for SOA. A
short-circuit to ground forces the full power supply voltage
(V+ or V–) across the conducting transistor. With TC = 25°C
the maximum output current of 500mA can be achieved
under most conditions. Increasing the case temperature re-
duces the safe output current that can be tolerated without
activating the thermal shutdown circuit of the OPA547. For
further insight on SOA, consult Application Bulletin
AB-039.
POWER DISSIPATION
Power dissipation depends on power supply, signal and load
conditions. For dc signals, power dissipation is equal to the
product of output current times the voltage across the con-


Similar Part No. - OPA547T

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547T BURR-BROWN-OPA547T Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547T BURR-BROWN-OPA547T Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547T-1 BURR-BROWN-OPA547T-1 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547T-1G3 BURR-BROWN-OPA547T-1G3 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547TG3 BURR-BROWN-OPA547TG3 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA547T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com