Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670MF-1.8 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3670MF-1.8
Description  Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3670MF-1.8 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3670MF-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 12Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 13Page - National Semiconductor (TI) LM3670MF-1.8 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Characteristics (unless otherwise stated: V
IN= 3.6V, VOUT= 1.8V) (Continued)
Soft Start
V
IN,VOUT,IINDUCTOR vs. Time
(I
LOAD = 350mA)
20075824
Operation Description
DEVICE INFORMATION
The LM3670, a high efficiency step down DC-DC switching
buck converter, delivers a constant voltage from either a
single Li-Ion or three cell NiMH/NiCd battery to portable
devices such as cell phones and PDAs. Using a voltage
mode
architecture
with
synchronous
rectification,
the
LM3670 has the ability to deliver up to 350 mA depending on
the input voltage and output voltage (voltage head room),
and the inductor chosen (maximum current capability).
There are three modes of operation depending on the cur-
rent required - PWM (Pulse Width Modulation), PFM (Pulse
Frequency Modulation), and shutdown. PWM mode handles
current loads of approximately 70 mA or higher. Lighter
output current loads cause the device to automatically switch
into PFM for reduced current consumption (I
Q = 15 µA typ)
and a longer battery life. Shutdown mode turns off the de-
vice,
offering
the
lowest
current
consumption
(I
SHUTDOWN = 0.1 µA typ).
The LM3670 can operate up to a 100% duty cycle (PMOS
switch always on) for low drop out control of the output
voltage. In this way the output voltage will be controlled
down to the lowest possible input voltage.
Additional features include soft-start, under voltage lock out,
current overload protection, and thermal overload protection.
As shown in Figure 1, only three external power components
are required for implementation.
CIRCUIT OPERATION
The LM3670 operates as follows. During the first portion of
each switching cycle, the control block in the LM3670 turns
on the internal PFET switch. This allows current to flow from
the input through the inductor to the output filter capacitor
and load. The inductor limits the current to a ramp with a
slope of
by storing energy in a magnetic field. During the second
portion of each cycle, the controller turns the PFET switch
off, blocking current flow from the input, and then turns the
NFET synchronous rectifier on. The inductor draws current
from ground through the NFET to the output filter capacitor
and load, which ramps the inductor current down with a
slope of
The output filter stores charge when the inductor current is
high, and releases it when low, smoothing the voltage across
the load.
PWM OPERATION
During PWM operation the converter operates as a voltage-
mode controller with input voltage feed forward. This allows
the converter to achieve excellent load and line regulation.
The DC gain of the power stage is proportional to the input
voltage. To eliminate this dependence, feed forward in-
versely proportional to the input voltage is introduced.
Internal Synchronous Rectification
While in PWM mode, the LM3670 uses an internal NFET as
a synchronous rectifier to reduce rectifier forward voltage
drop and associated power loss. Synchronous rectification
provides a significant improvement in efficiency whenever
the output voltage is relatively low compared to the voltage
drop across an ordinary rectifier diode.
Current Limiting
A current limit feature allows the LM3670 to protect itself and
external components during overload conditions PWM mode
implements cycle-by-cycle current limiting using an internal
comparator that trips at 620 mA (typ).
PFM OPERATION
At very light load, the converter enters PFM mode and
operates with reduced switching frequency and supply cur-
rent to maintain high efficiency.
www.national.com
10


Similar Part No. - LM3670MF-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670MF-1.8 NSC-LM3670MF-1.8 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-1.8 TI-LM3670MF-1.8 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-1.8 TI1-LM3670MF-1.8 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-1.8 TI1-LM3670MF-1.8 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
LM3670MF-1.8/NOPB TI1-LM3670MF-1.8/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MF-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com