Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM640FU8AT-55L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EM640FU8AT-55L
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM640FU8AT-55L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EM640FU8AT-55L Datasheet HTML 3Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 4Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 5Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 6Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 7Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 8Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 9Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 10Page - List of Unclassifed Manufacturers EM640FU8AT-55L Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EM620FV8B Series
Low Power, 256Kx8 SRAM
11
EM X XX X X X XX X X - XX XX
SRAM PART CODING SYSTEM
1. EMLSI Memory
2. Product Type
3. Density
5. Technology
6. Operating Voltage
8. Generation
9. Package
10. Speed
7. Organization
1. Memory Component
EM --------------------- Memory
2. Product Type
6 ------------------------ SRAM
3. Density
1 ------------------------- 1M
2 ------------------------- 2M
4 ------------------------- 4M
8 ------------------------- 8M
4. Function
0 ----------------------- Dual CS
1 ----------------------- Single CS
2 ----------------------- Multiplexed
3 ------------- Single CS / LBB, UBB(tBA=tOE)
4 ------------- Single CS / LBB, UBB(tBA=tCO)
5 ------------- Dual CS / LBB, UBB(tBA=tOE)
6 ------------- Dual CS / LBB, UBB(tBA=tCO)
5. Technology
F ------------------------- Full CMOS
6. Operating Voltage
T ------------------------- 5.0V
V ------------------------- 3.3V
U ------------------------- 3.0V
S ------------------------- 2.5V
R ------------------------- 2.0V
P ------------------------- 1.8V
7. Organization
8 ---------------------- x8 bit
16 ---------------------- x16 bit
8. Generation
Blank ----------------- 1st generation
A ----------------------- 2nd generation
B ----------------------- 3rd generation
C ----------------------- 4th generation
D ----------------------- 5th generation
E ----------------------- 6th generation
F ----------------------- 7th generation
G ---------------------- 8th generation
9. Package
Blank ---------------- KGD, 48&36FpBGA
S ---------------------- 32sTSOP1
T ---------------------- 32 TSOP1
U ---------------------- 44 TSOP2
10. Speed
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
10 ---------------------- 100ns
12 ---------------------- 120ns
11. Power
LL ---------------------- Low Low Power
LF ---------------------- Low Low Power(Pb-Free & Green)
L ---------------------- Low Power
S ---------------------- Standard Power
4. Function
11. Power


Similar Part No. - EM640FU8AT-55L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM640FU8AT-55L EMLSI-EM640FU8AT-55L Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM640FU8AT-55L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com