Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23PSB101MLB22A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 23PSB101MLB22A
Description  Spindle Operated Potentiometers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23PSB101MLB22A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  23PSB101MLB22A Datasheet HTML 1Page - List of Unclassifed Manufacturers 23PSB101MLB22A Datasheet HTML 2Page - List of Unclassifed Manufacturers 23PSB101MLB22A Datasheet HTML 3Page - List of Unclassifed Manufacturers 23PSB101MLB22A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20.4
4
15
12.9
25.2
1.1 x 0.45
18.2
10
1.3
A
E
S
10.7
L ± 0.5
0.45
3.9
W
Y
X
21.6
15
4
1.1 x 0.45
0.65 x 1.1
10
1.3
20.3
10
A S E
L ± 0.5
4.6
Y
X
23.0
18.2
12.9
25.2
L ± 0.5
5.7
0.45 x 1.1
4
X
22.2
1.6
12.7
1.3
10
4.2
10.2
20.4
12.9
23.1
18.2
1.3
10
A SE
9.6
10.7
L ± 0.5
4
0.45 x 1.1
11
W
X
Y
20.9
L ± 0.5
1
2
W
Y
X
3.9
20.4
25.2
12.9
15
4
18.2
1.1 x 0.45
20.4
18.2
12.9
23.1
10.7
L ± 0.5
0.45 x 1.1
W
X
4
Y
10.2
1.3
12.7
10
S
A
E
20.9
L1
L2
15
4
3.9
6
4
1.3
10
10
9.2
0.5
8.5
3.0
2.8
3.0
1.3
10
11.07
15.3
5
0.45 x 1.1
1.4
L
10
10
1.3
15.3
L
1.4
3.9
PCB piercing
plan
PCB piercing
plan
Viewed on
component side
Viewed on
component side
Chassis piercing
Viewed on
component side
Viewed on
component side
TYPE 24
TYPE 26
TYPE 25
TYPE 23
TYPE 27
TYPE 28
TYPE 29
SWITCHED
TYPES
10.8
11.3
W
25.2
12.9
DIMENSIONS
SPECIFICATION
TYPE 23 SERIES
3 OF 4


Similar Part No. - 23PSB101MLB22A

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
23PAR38/27 SATCO-23PAR38/27 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
23PAR38/27 SATCO-23PAR38/27 Datasheet
132Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 2-pack
23PAR38/27/230V SATCO-23PAR38/27/230V Datasheet
133Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 230 volts
23PAR38/41 SATCO-23PAR38/41 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
logo
List of Unclassifed Man...
23PL003 ETC2-23PL003 Datasheet
84Kb / 2P
   NEMA 23 Planetary Gearhead
More results

Similar Description - 23PSB101MLB22A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624191-7 MACOM-1624191-7 Datasheet
264Kb / 3P
   Spindle Operated Potentiometers
logo
TE Connectivity Ltd
17P TEC-17P Datasheet
662Kb / 2P
   Spindle Operated Potentiometers
logo
Tyco Electronics
1625932-8 MACOM-1625932-8 Datasheet
304Kb / 1P
   Spindle Operated Potentiometers
logo
STMicroelectronics
L6232A STMICROELECTRONICS-L6232A Datasheet
533Kb / 8P
   SPINDLE DRIVER
L6232B STMICROELECTRONICS-L6232B Datasheet
534Kb / 8P
   SPINDLE DRIVER
L6232E STMICROELECTRONICS-L6232E Datasheet
114Kb / 10P
   SPINDLE DRIVER
logo
Baumer IVO GmbH & Co. K...
N150 IVO-N150 Datasheet
457Kb / 4P
   Spindle Position Displays
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Baumer IVO GmbH & Co. K...
N140 IVO-N140 Datasheet
453Kb / 4P
   Spindle Position Displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com