Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX365ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX365ESE
Description  Precision, Quad, SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX365ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX365ESE Datasheet HTML 2Page - Maxim Integrated Products MAX365ESE Datasheet HTML 3Page - Maxim Integrated Products MAX365ESE Datasheet HTML 4Page - Maxim Integrated Products MAX365ESE Datasheet HTML 5Page - Maxim Integrated Products MAX365ESE Datasheet HTML 6Page - Maxim Integrated Products MAX365ESE Datasheet HTML 7Page - Maxim Integrated Products MAX365ESE Datasheet HTML 8Page - Maxim Integrated Products MAX365ESE Datasheet HTML 9Page - Maxim Integrated Products MAX365ESE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Precision, Quad, SPST Analog Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-20
0
20
-14
-10
0
10
14
VCOM(V)
V+=15V
V-=-15V
CL=1nF
-10
0
05
10
12
VCOM(V)
V+=12V
V-=0V
CL=1nF
10
______________________________________________________________Pin Description
CHARGE INJECTION vs.
VCOM VOLTAGE
CHARGE INJECTION vs.
VCOM VOLTAGE
NAME
FUNCTION
1, 16, 9, 8
IN1–N4
Logic Control Input
COM1–COM4
Analog-Switch Common Terminal
3, 14, 11, 6
NC1–NC4
NC (normally closed, MAX364)
NO (normally closed, MAX365)
Analog-Switch Terminal
PIN
DIP/SO
QFN
4
V-
Negative-Supply Voltage Input
5
GND
Ground
12
VL
Logic-Supply Voltage Input
13
V+
Positive-Supply Voltage Input—Connected to Substrate
2, 15, 10, 7
15, 14, 7, 6
1, 12, 9, 4
2
3
10
11
-—
PAD
Exposed Pad. Connect PAD to V+
EP
16, 13, 8, 5
NO1–NO4
or


Similar Part No. - MAX365ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX365ESE MAXIM-MAX365ESE Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX365ESE MAXIM-MAX365ESE Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
More results

Similar Description - MAX365ESE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com