Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAA300-1K051515SUP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MAA300-1K051515SUP
Description  Switching Power Supplies ??? Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAA300-1K051515SUP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MAA300-1K051515SUP Datasheet HTML 1Page - List of Unclassifed Manufacturers MAA300-1K051515SUP Datasheet HTML 2Page - List of Unclassifed Manufacturers MAA300-1K051515SUP Datasheet HTML 3Page - List of Unclassifed Manufacturers MAA300-1K051515SUP Datasheet HTML 4Page - List of Unclassifed Manufacturers MAA300-1K051515SUP Datasheet HTML 5Page - List of Unclassifed Manufacturers MAA300-1K051515SUP Datasheet HTML 6Page - List of Unclassifed Manufacturers MAA300-1K051515SUP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.aedon.ru
e-mail: alexdon@vmail.ru
tel/fax (4732) 519-518
© “Alexander Electric” holding.
All rights reserved.
http://www.aeps-group.com
e-mail: aeps@aeps-group.com
tel/fax +420-266-107-609
Switching Power Supplies
МАА Series MAA300
Output settings
№ pin
1
2
3
4
5
Single-channel
case
~IN (N)
~IN (L)
+ feedback
- feedback
Dual-channel
case
~IN (N)
~IN (L)
+ feedback
- feedback
Triple-channel
case
~IN (N)
~IN (L)
- on/off
+ on/off
№ pin
6
7
8
9
10
11
12
13
Single-channel
Parallel
- on/off
+ on/off
trimmer
+ out 1
- out 1
- out 1
+ out 1
Dual-channel
Parallel
- on/off
+ on/off
trimmer
+ out 1
- out 1
-out2
+ out 2
Triple-channel
- out 1
+ out 1
+ out 2
-out2
+ out 3
- out 3
Not use
Not use
Switching on standart diagram
FUin – current safety device 5A for input voltage 220VAC, 10A for input voltage 115VAC.
Sout – ceramic condenser capacity 0,47-15 mcF with corresponding operating voltage to decrease high-frequency noise level.
Sout2 – electronic condenser capacity 22-100 mcF in consideration with operating voltage and polarity. It makes for purpose to decrease
dynamic instability when module work at dynamic load.
+out
-out
~In (L)
~In (N)
Power module
Rheat
case
Sout1
Sout2
~In (L)
~In (N)
ground
FUin


Similar Part No. - MAA300-1K051515SUP

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MAA3363K STANLEY-MAA3363K Datasheet
415Kb / 33P
   Single Color Semi-Round Shape Type
MAA3373K STANLEY-MAA3373K Datasheet
407Kb / 33P
   Single Color Semi-Round Shape Type
MAA3864K STANLEY-MAA3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MAA3874K STANLEY-MAA3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
More results

Similar Description - MAA300-1K051515SUP

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com