Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE426KD6390JR06L2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PHE426KD6390JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426KD6390JR06L2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PHE426KD6390JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE426KD6390JR06L2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
217
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426
630 VDC/250 VAC
LEAD SPACING 37.5 MM
0.82
13.0
24.0
41.0
37.5
140
16.6
80
27
PHE426MR6820JR06L2
1.0
13.0
24.0
41.0
37.5
140
16.6
80
27
PHE426MR7100JR06L2
1.2
15.0
26.0
41.0
37.5
119
20.8
80
25
PHE426MR7120JR06L2
1.5
15.0
26.0
41.0
37.5
119
20.8
80
25
PHE426MR7150JR06L2
1.8
16.5
32.0
41.0
37.5
105
28.1
80
21
PHE426MR7180JR06L2
2.2
16.5
32.0
41.0
37.5
105
28.1
80
21
PHE426MR7220JR06L2
2.7
19.0
36.0
41.0
37.5
91
36.5
80
19
PHE426MR7270JR06L2
3.3
19.0
36.0
41.0
37.5
91
36.5
80
19
PHE426MR7330JR06L2
3.9
21.0
38.0
41.0
37.5
84
42.5
80
17
PHE426MR7390JR06L2
1000 VDC/250 VAC
LEAD SPACING 10 MM
0.0033
4.0
9.0
13.0
10.0
1000
900
0.6
600
135
PHE426PA4330JR05
0.0047
4.0
9.0
13.0
10.0
1000
900
0.6
600
135
PHE426PA4470JR05
0.0056
4.5
10.5
13.0
10.0
1000
800
0.9
600
120
PHE426PA4560JR05
0.0068
4.5
10.5
13.0
10.0
1000
800
0.9
600
120
PHE426PA4680JR05
0.0082
5.0
11.0
13.0
10.0
800
700
1.0
600
113
PHE426PA4820JR05
0.010
5.0
11.0
13.0
10.0
800
700
1.0
600
113
PHE426PA5100JR05
0.012
6.0
12.0
13.0
10.0
600
500
1.3
600
105
PHE426PA5120JR05
0.015
6.0
12.0
13.0
10.0
600
500
1.3
600
105
PHE426PA5150JR05
LEAD SPACING 15 MM
0.010
5.5
10.5
18.0
15.0
1000
600
1.5
450
99
PHE426PB5100JR06
0.012
5.5
10.5
18.0
15.0
1000
600
1.5
450
99
PHE426PB5120JR06
0.015
5.5
10.5
18.0
15.0
1000
600
1.5
450
99
PHE426PB5150JR06
0.018
5.5
12.5
18.0
15.0
1000
600
1.7
450
85
PHE426PB5180JR06
0.022
5.5
12.5
18.0
15.0
1000
600
1.7
450
85
PHE426PB5220JR06
0.027
6.0
12.0
18.0
15.0
1000
500
1.8
450
83
PHE426PB5270JR06
0.033
6.5
12.5
18.0
15.0
1000
500
2.0
450
84
PHE426PB5330JR06
0.039
7.5
14.5
18.0
15.0
800
400
2.7
450
74
PHE426PB5390JR06
0.047
7.5
14.5
18.0
15.0
800
400
2.7
450
74
PHE426PB5470JR06
0.056
8.5
16.0
18.0
15.0
600
400
3.4
450
64
PHE426PB5560JR06
0.068
9.5
17.5
18.0
15.0
500
350
4.2
450
60
PHE426PB5680JR06
0.082
9.5
17.5
18.0
15.0
500
350
4.2
450
60
PHE426PB5820JR06
0.10
9.5
17.5
18.0
15.0
500
350
4.2
450
60
PHE426PB6100JR06
LEAD SPACING 22.5 MM
0.033
6.5
14.5
26.0
22.5
234
3.2
300
58
PHE426PD5330JR06L2
0.039
6.5
14.5
26.0
22.5
234
3.2
300
58
PHE426PD5390JR06L2
0.047
6.5
14.5
26.0
22.5
234
3.2
300
58
PHE426PD5470JR06L2
0.056
7.0
16.5
26.0
22.5
216
3.9
300
53
PHE426PD5560JR06L2
0.068
7.0
16.5
26.0
22.5
216
3.9
300
53
PHE426PD5680JR06L2
0.082
8.0
16.0
26.0
22.5
186
4.3
300
53
PHE426PD5820JR06L2
0.10
9.0
18.5
26.0
22.5
168
5.6
300
48
PHE426PD6100JR06L2
0.12
9.0
18.5
26.0
22.5
168
5.6
300
48
PHE426PD6120JR06L2
0.15
10.5
19.0
26.0
22.5
264
6.7
300
45
PHE426PD6150JR06L2
0.18
11.0
21.5
26.0
22.5
253
8.0
300
40
PHE426PD6180JR06L2
0.22
11.0
21.5
26.0
22.5
253
8.0
300
40
PHE426PD6220JR06L2
0.27
15.5
24.5
26.0
22.5
176
10.0
300
40
PHE426PD6270JR06L2
LEAD SPACING 27.5 MM
0.10
10.5
20.5
31.5
27.5
216
8.8
180
37
PHE426PF6100JR06L2
0.12
10.5
20.5
31.5
27.5
216
8.8
180
37
PHE426PF6120JR06L2
0.15
10.5
20.5
31.5
27.5
216
8.8
180
37
PHE426PF6150JR06L2
0.18
10.5
20.5
31.5
27.5
216
8.8
180
37
PHE426PF6180JR06L2
0.22
11.5
22.5
31.5
27.5
198
10.6
180
34
PHE426PF6220JR06L2


Similar Part No. - PHE426KD6390JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426KD6390JR06L2 KEMET-PHE426KD6390JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426KD6390JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com