Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23SXC101MLB22A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 23SXC101MLB22A
Description  Spindle Operated Potentiometers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23SXC101MLB22A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  23SXC101MLB22A Datasheet HTML 1Page - List of Unclassifed Manufacturers 23SXC101MLB22A Datasheet HTML 2Page - List of Unclassifed Manufacturers 23SXC101MLB22A Datasheet HTML 3Page - List of Unclassifed Manufacturers 23SXC101MLB22A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TYPE 23 SERIES
Spindle Operated Potentiometers
A popular range of 20mm control potentiometers, the type
23 ser ies can be tailored to suit more specific
requirements. The potentiometers are available with printed
carbon resistance element, choice of bush lengths in
metal or plastic and insulated shafts up to 50mm in length.
In addition BS approved mains and low current switches
are available as standard options.
MEGGITT
ELECTRONIC
COMPONENTS
LOG No FO144
ISSUE 6
4 PAGES
12-99
SALES ACTION DESK
TEL: (01793 611666)
INSULATED BUSH AVAILABLE
INSULATED SHAFTS UP TO 50mm
EYELET OR PC TERMINATIONS
RUGGED CONSTRUCTION
MEGGITT CITEC
KEY FEATURES
0.4 WATT AT 40°C
VERSATILE DESIGN CAN BE CUSTOMISED
TO SUIT YOUR REQUIREMENTS
DIE CAST METAL BUSH AVAILABLE
MOUNTING BRACKET
AUDIO LAWS AVAILABLE
DUAL GANG AND DUAL CONCENTRIC STYLES
FAX: (01793 611777)
EMAIL:sales@megelec.co.uk
WEB: www.meglec.co.uk
POTENTIOMETERS
INDUCTORS,
SURFACE MOUNT DEVICES
SWITCHES, NETWORKS
ENCODERS, SENSORS
MEGGITT CITEC


Similar Part No. - 23SXC101MLB22A

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
23SX39-T2 HONEYWELL-ACC-23SX39-T2 Datasheet
328Kb / 6P
   Basic Switches Subminiature
More results

Similar Description - 23SXC101MLB22A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624191-7 MACOM-1624191-7 Datasheet
264Kb / 3P
   Spindle Operated Potentiometers
logo
TE Connectivity Ltd
17P TEC-17P Datasheet
662Kb / 2P
   Spindle Operated Potentiometers
logo
Tyco Electronics
1625932-8 MACOM-1625932-8 Datasheet
304Kb / 1P
   Spindle Operated Potentiometers
logo
STMicroelectronics
L6232A STMICROELECTRONICS-L6232A Datasheet
533Kb / 8P
   SPINDLE DRIVER
L6232B STMICROELECTRONICS-L6232B Datasheet
534Kb / 8P
   SPINDLE DRIVER
L6232E STMICROELECTRONICS-L6232E Datasheet
114Kb / 10P
   SPINDLE DRIVER
logo
Baumer IVO GmbH & Co. K...
N150 IVO-N150 Datasheet
457Kb / 4P
   Spindle Position Displays
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Baumer IVO GmbH & Co. K...
N140 IVO-N140 Datasheet
453Kb / 4P
   Spindle Position Displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com