Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN921025H Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN921025H
Description  High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN921025H Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SCAN921025H Datasheet HTML 1Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 2Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 3Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 4Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 5Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 6Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 7Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 8Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
CC)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage
−0.3V to (V
CC +0.3V)
LVCMOS/LVTTL Output Voltage
−0.3V to (V
CC +0.3V)
Bus LVDS Receiver Input Voltage
−0.3V to +3.9V
Bus LVDS Driver Output Voltage
−0.3V to +3.9V
Bus LVDS Output Short Circuit
Duration
10mS
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
+220˚C
Maximum Package Power Dissipation Capacity
@ 25˚C Package:
49L BGA
1.47 W
Package Derating:
49L BGA
11.8 mW/˚C above
+25˚C
θ
ja
85˚C/W
ESD Rating
HBM
>2kV
MM
> 250V
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+125
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage
(V
CC)
100
mV
P-P
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SERIALIZER LVCMOS/LVTTL DC SPECIFICATIONS (apply to DIN0-9, TCLK, PWRDN, TCLK_R/F, SYNC1, SYNC2, DEN)
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
-0.86
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
−10
±1
+10
µA
DESERIALIZER LVCMOS/LVTTL DC SPECIFICATIONS (apply to pins PWRDN, RCLK_R/ F, REN, REFCLK = inputs; apply
to pins ROUT, RCLK, LOCK = outputs)
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.62
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
−10
±1
+15
µA
V
OH
High Level Output Voltage
I
OH = −9 mA
2.2
3.0
V
CC
V
V
OL
Low Level Output Voltage
I
OL = 9 mA
GND
0.25
0.5
V
I
OS
Output Short Circuit Current
VOUT = 0V
−15
−47
−85
mA
I
OZ
TRI-STATE Output Current
PWRDN or REN = 0.8V, V
OUT =0VorVCC
−10
±0.1
+10
µA
SERIALIZER Bus LVDS DC SPECIFICATIONS (apply to pins DO+ and DO−)
V
OD
Output Differential Voltage
(DO+)–(DO−)
RL=27
Ω, Figure 17
200
290
mV
∆V
OD
Output Differential Voltage
Unbalance
35
mV
V
OS
Offset Voltage
1.05
1.1
1.3
V
∆V
OS
Offset Voltage Unbalance
4.8
35
mV
I
OS
Output Short Circuit Current
D0 = 0V, DIN = High,PWRDN and DEN =
2.4V
−56
−90
mA
I
OZ
TRI-STATE Output Current
PWRDN or DEN = 0.8V, DO = 0V or VCC
−10
±1
+10
µA
I
OX
Power-Off Output Current
VCC = 0V, DO=0V or 3.6V
−20
±1
+30
µA
www.national.com
5


Similar Part No. - SCAN921025H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025H NSC-SCAN921025H Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025HSM NSC-SCAN921025HSM Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025HSM TI1-SCAN921025HSM Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025HSM/NOPB TI1-SCAN921025HSM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025HSMX/NOPB TI1-SCAN921025HSMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
More results

Similar Description - SCAN921025H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025H NSC-SCAN921025H Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025H TI1-SCAN921025H_15 Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com